Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT9118 Arkusz danych(PDF) 8 Page - Richtek Technology Corporation

Numer części RT9118
Szczegółowy opis  10W Stereo Class-D Speaker Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9118 Arkusz danych(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9118 Datasheet HTML 4Page - Richtek Technology Corporation RT9118 Datasheet HTML 5Page - Richtek Technology Corporation RT9118 Datasheet HTML 6Page - Richtek Technology Corporation RT9118 Datasheet HTML 7Page - Richtek Technology Corporation RT9118 Datasheet HTML 8Page - Richtek Technology Corporation RT9118 Datasheet HTML 9Page - Richtek Technology Corporation RT9118 Datasheet HTML 10Page - Richtek Technology Corporation RT9118 Datasheet HTML 11Page - Richtek Technology Corporation RT9118 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT9118
8
DS9118-00
November 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-
thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
θJC is measured at the
exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Headphone Output Integrated
Noise
Vn (HP)
RL = 32, A-weighted
--
15
--
V
RL = 10k, A-weighted
--
15
--
HP Signal-to-Noise Ratio
SNR
PVCC = 12V, Gain = 6dB,
A-weighted, THD+N = 1%
--
85
--
dB
HP Crosstalk
Vo = 1Vrms, Gain = 6dB, fin = 1kHz
--
70
--
dB
HP Power Supply Ripple Rejection PSRR
200mVPP ripple at 1kHz, Gain =
6dB, Inputs ac-coupled to AGND
--
65
--
dB
Output Power of Headphone
Amplifier
Po (HP)
RL = 16, THD+N = 1%, output in
phase
--
30
--
mW
HP Total Harmonic Distortion Plus
Noise
THD+N
(HP)
Po = 10mW
--
0.02
--
%
LD Total Harmonic Distortion Plus
Noise
THD+N
(LD)
Vo = 2Vrms
--
0.01
--
%
Line Driver Output Voltage
Vo (LD)
THD+N = 1%, RL = 10k
2
2.4
--
Vrms
Oscillator Frequency
fOSC
--
410
--
kHz
Protection Circuitry
Under-Voltage Protection
UVP
--
6.5
--
V
Under-Voltage Protection
Hysteresis
UVP
--
1
--
V
Over-Voltage Protection
OVP
--
19
--
V
Over-Voltage Protection
Hysteresis
OVP
--
2
--
V
Over-Temperature Protection
TSD
--
170
--
C
Over-Temperature Protection
Hysteresis
TSD
--
15
--
C
SPK Over-Current Protection
OCP
--
3.5
--
A


Podobny numer części - RT9118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
RT9116GQW RICHTEK-RT9116GQW Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
More results

Podobny opis - RT9118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
   10W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
   10W Stereo Class-D Audio Power Amplifier
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5421EFS ROHM-BD5421EFS Datasheet
349Kb / 6P
   Stereo Class-D Power Amplifier for Speaker
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com