Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ABU2516 Arkusz danych(PDF) 12 Page - Advanced Semiconductor Business Inc.

Numer części ABU2516
Szczegółowy opis  5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASB [Advanced Semiconductor Business Inc.]
Strona internetowa  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABU2516 Arkusz danych(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ABU2516 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12/12
ASB Inc.
 sales@asb.co.kr
September 2017
ABU2516
8. Recommended Soldering Reflow Profile
(End of Datasheet)
Copyright
2017 ASB Inc. All rights reserved. Specifications subject to change without notice. ASB
assumes no responsibility for any errors which may appear in this datasheet. No part of the datasheet
may be copied or reproduced in any form or by any means without the prior written consent of ASB.
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3
C/sec)
Ramp-down
(6
C/sec)


Podobny numer części - ABU2516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Semiconductor ...
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
More results

Podobny opis - ABU2516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Semiconductor ...
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
   5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2516 ASB-ABB2516 Datasheet
574Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
   1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
AWB31D7 ASB-AWB31D7_17 Datasheet
846Kb / 15P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL912 ASB-ASL912 Datasheet
885Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com