Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R-50C-016-3 Arkusz danych(PDF) 11 Page - Keysight Technologies

Numer części R-50C-016-3
Szczegółowy opis  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

R-50C-016-3 Arkusz danych(HTML) 11 Page - Keysight Technologies

Back Button R-50C-016-3 Datasheet HTML 6Page - Keysight Technologies R-50C-016-3 Datasheet HTML 7Page - Keysight Technologies R-50C-016-3 Datasheet HTML 8Page - Keysight Technologies R-50C-016-3 Datasheet HTML 9Page - Keysight Technologies R-50C-016-3 Datasheet HTML 10Page - Keysight Technologies R-50C-016-3 Datasheet HTML 11Page - Keysight Technologies R-50C-016-3 Datasheet HTML 12Page - Keysight Technologies R-50C-016-3 Datasheet HTML 13Page - Keysight Technologies R-50C-016-3 Datasheet HTML 14Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
Graphical Example
A. System contribution to measurement uncertainty versus power level (equates to step 6 result/2)
System uncertainty contribution - 1 sigma (%)
1.0%
10.0%
100.0%
-35 -30 -25 -20 -15 -10 -5 0
5 10 15 20
Power (dBm)
N1921A: 500 MHz to 10 GHz
N1922A:18 to 40 GHz
Other bands
B. Standard uncertainty of mismatch.
Note: The above graph shows the standard uncertainty of mismatch = ρDUT. ρSensor / ←2, rather than the mismatch uncertainty
limits. This term assumes that both the source and load have uniform magnitude and uniform phase probability distributions.
C. Combine A & B
2
UC =
(Value from Graph A) + (Value from Graph B)
2
Expanded Uncertainty, k = 2, = 2. U
C = ...................................
±
%
Note: This graph is valid for condi-
tions of free-run operation, with a
signal within the video bandwidth
setting on the system.
Humidity < 70%.
Standard uncertainty of mismatch - 1 sigma (%)
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
0
0.1
0.2
0.3
0.4
0.5
rDUT
SWR
ρ
1.0
0.00
1.05
0.02
1.10
0.05
1.15
0.07
1.20
0.09
1.25
0.11
1.30
0.13
1.35
0.15
1.40
0.17
1.45
0.18
1.5
0.20
1.6
0.23
1.7
0.26
SWR
ρ
1.8
0.29
1.90
0.31
2.00
0.33
2.10
0.35
2.20
0.38
2.30
0.39
2.40
0.41
2.50
0.43
2.60
0.44
2.70
0.46
2.80
0.47
2.90
0.49
3.00
0.50


Podobny numer części - R-50C-016-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
R-50C-SC ETC2-R-50C-SC Datasheet
152Kb / 1P
   ICT 50C PROBE AND RECEPTACLE
More results

Podobny opis - R-50C-016-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com