Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDZ293P Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDZ293P
Szczegółowy opis  P-Channel 2.5 V Specified PowerTrench BGA MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ293P Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDZ293P Datasheet HTML 1Page - Fairchild Semiconductor FDZ293P Datasheet HTML 2Page - Fairchild Semiconductor FDZ293P Datasheet HTML 3Page - Fairchild Semiconductor FDZ293P Datasheet HTML 4Page - Fairchild Semiconductor FDZ293P Datasheet HTML 5Page - Fairchild Semiconductor FDZ293P Datasheet HTML 6Page - Fairchild Semiconductor FDZ293P Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
FDZ293P Rev. C
Typical Characteristics
0
1
2
3
4
5
02468
10
Qg, GATE CHARGE (nC)
ID = -4.6A
VDS = -5V
-15V
-10V
0
200
400
600
800
1000
1200
0
5
10
15
20
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
C
OSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
100ms
R
DS(ON) LIMIT
V
GS = -4.5V
SINGLE PULSE
RθJA = 157°C/W
TA = 25°C
10ms
1ms
100
µs
10s
1s
0
5
10
15
20
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
SINGLE PULSE
RθJA = 157°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 157° C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Podobny numer części - FDZ293P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDZ293P FAIRCHILD-FDZ293P Datasheet
243Kb / 5P
   P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P_06 Datasheet
243Kb / 5P
   P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
More results

Podobny opis - FDZ293P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDZ299P FAIRCHILD-FDZ299P Datasheet
178Kb / 6P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ298N FAIRCHILD-FDZ298N Datasheet
170Kb / 6P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ294N FAIRCHILD-FDZ294N Datasheet
146Kb / 9P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P_06 Datasheet
243Kb / 5P
   P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDJ129P FAIRCHILD-FDJ129P_07 Datasheet
6Mb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDJ129P FAIRCHILD-FDJ129P Datasheet
176Kb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com