Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5242BR10-REEL7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD5242BR10-REEL7
Szczegółowy opis  I2C Compatible 256-Position Digital Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5242BR10-REEL7 Arkusz danych(HTML) 3 Page - Analog Devices

  AD5242BR10-REEL7 Datasheet HTML 1Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 2Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 3Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 4Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 5Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 6Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 7Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 8Page - Analog Devices AD5242BR10-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
–3–
AD5241/AD5242
Parameter
Symbol
Conditions
Min
Typ
1
Max
Unit
INTERFACE TIMING CHARACTERISTICS (Applies to all parts.
5, 9)
SCL Clock Frequency
fSCL
0
400
kHz
tBUF Bus Free Time between
t1
1.3
µs
STOP and START
tHD; STA Hold Time (Repeated START)
t2
After this period, the first clock
600
ns
pulse is generated.
tLOW Low Period of SCL Clock
t3
1.3
µs
tHIGH High Period of SCL Clock
t4
0.6
50
µs
tSU; STA Setup Time for Repeated
START Condition
t5
600
ns
tHD; DAT Data Hold Time
t6
900
ns
tSU; DAT Data Setup Time
t7
100
ns
tR Rise Time of Both
t8
300
ns
SDA and SCL Signals
tF Fall Time of Both SDA and SCL Signals
t9
300
ns
tSU; STO Setup Time for STOP Condition
t10
NOTES
1Typicals represent average readings at 25
°C, V
DD = 5 V.
2Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper posi-
tions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. See Test Circuits.
3INL and DNL are measured at V
W with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. V A = VDD and VB = 0 V.
DNL specification limits of
±1 LSB maximum are guaranteed monotonic operating conditions. See Figure 10.
4Resistor terminals A, B, W have no limitations on polarity with respect to each other.
5Guaranteed by design and not subject to production test.
6P
DISS is calculated from (IDD
× V
DD). CMOS logic level inputs result in minimum power dissipation.
7Bandwidth, noise, and settling time are dependent on the terminal resistance value chosen. The lowest R value results in the fastest settling time and highest band-
width. The highest R value results in the minimum overall power consumption.
8All dynamic characteristics use V
DD = 5 V.
9See timing diagram for location of measured values.
Specifications subject to change without notice.


Podobny numer części - AD5242BR10-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5242BR10-REEL7 AD-AD5242BR10-REEL7 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
More results

Podobny opis - AD5242BR10-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com