Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC2300 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części MC2300
Szczegółowy opis  Navigator Motion Processor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

MC2300 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MC2300 Datasheet HTML 5Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 11Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 12Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
MC2300 Technical Specifications
9
1 The Navigator Family
MC2100
Series
MC2300
Series
MC2400
Series
MC2500
Series
MC2800
Series
# of axes
4, 2, or 1
4, 2 or 1
4, 2 or 1
4, 2, or 1
4 or 2
Motor type supported
Brushed servo
Brushless
servo
Stepping
Stepping
Brushed servo
+ brushless servo
Output format
Brushed servo
(single phase)
Commutated
(6-step or
sinusoidal)
Microstepping
Pulse and
direction
Brushed servo
(single phase)
+ commutated
(6-step sinusoidal)
Incremental encoder
input
Parallel word device input
Parallel communication
Serial communication
Diagnostic port
S-curve profiling
Electronic gearing
On-the-fly changes
Directional limit switches
Programmable bit output
Software-invertable
signals
PID servo control
-
-
Feedforward (accel & vel)
-
-
Derivative sampling time
-
-
Data trace/diagnostics
PWM output
-
Motion error detection
(with
encoder)
(with
encoder)
Axis settled indicator
(with
encoder)
(with
encoder)
DAC-compatible output
-
Pulse & direction output
-
-
-
-
Index & Home signals
Position capture
Analog input
User-defined I/O
External RAM support
Multi-chip
synchronization
(21x3)
(23x3)
(24x3)
(28x3)
Chipset part numbers
MC2140
(4 axes)
MC2120
(2 axes)
MC2110
(1 axis)
MC2340
(4 axes)
MC2320
(2 axes)
MC2310
(1 axis)
MC2440
(4 axes)
MC2420
(2 axes)
MC2410
(1 axis)
MC2540
(4 axes)
MC2520
(2 axes)
MC2510
(1 axis)
MC2840
(4 axes)
MC2820
(2 axes)
Developer's Kit p/n's:
DK2100
DK2300
DK2400
DK2500
DK2800


Podobny numer części - MC2300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC2300 ETC1-MC2300 Datasheet
1Mb / 59P
   Technical Specifications for Brushless Servo Motion Control
More results

Podobny opis - MC2300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC2500 ETC1-MC2500 Datasheet
1Mb / 52P
   Navigator Motion Processor
MC2400 ETC1-MC2400 Datasheet
1Mb / 59P
   Navigator Motion Processor
MC3310 ETC-MC3310 Datasheet
1Mb / 83P
   Motion Processor
MC3110 ETC-MC3110 Datasheet
1Mb / 81P
   Pilot??Motion Processor
MC3510 ETC1-MC3510 Datasheet
1,023Kb / 75P
   Pilot Motion Processor
logo
STMicroelectronics
STI3220 STMICROELECTRONICS-STI3220 Datasheet
2Mb / 24P
   MOTION ESTIMATION PROCESSOR
logo
List of Unclassifed Man...
MC58000 ETC1-MC58000 Datasheet
443Kb / 50P
   Magellan Motion Processor
logo
Ensign Corporation
U012-2-010X ENSIGN-U012-2-010X Datasheet
259Kb / 1P
   NAVIGATOR CLASS
logo
Gennum Corporation
GF9331 GENNUM-GF9331 Datasheet
474Kb / 31P
   DTV/SDTV Motion Co-processor
logo
Ensign Corporation
U006-2-010X ENSIGN-U006-2-010X Datasheet
260Kb / 1P
   NAVIGATOR CLASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com