Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC138 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AHC138
Szczegółowy opis  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC138 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74AHC138 Datasheet HTML 1Page - Texas Instruments SN74AHC138 Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SN54AHC138, SN74AHC138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS258L – DECEMBER 1995 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Designed Specifically for High-Speed
Memory Decoders and Data-Transmission
Systems
D Incorporate Three Enable Inputs to Simplify
Cascading and/or Data Reception
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
Y1
Y2
NC
Y3
Y4
C
G2A
NC
G2B
G1
SN54AHC138 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
SN54AHC138 ...J OR W PACKAGE
SN74AHC138 . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
SN74AHC138 . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
Y0
Y1
Y2
Y3
Y4
Y5
B
C
G2A
G2B
G1
Y7
description/ordering information
The ’AHC138 decoders/demultiplexers are designed for high-performance memory-decoding and data-routing
applications that require very short propagation-delay times. In high-performance memory systems, these
decoders can be used to minimize the effects of system decoding. When employed with high-speed memories
utilizing a fast enable circuit, the delay times of these decoders and the enable time of the memory usually are
less than the typical access time of the memory. This means that the effective system delay introduced by the
decoders is negligible.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN – RGY
Tape and reel
SN74AHC138RGYR
HA138
PDIP – N
Tube
SN74AHC138N
SN74AHC138N
SOIC – D
Tube
SN74AHC138D
AHC138
SOIC – D
Tape and reel
SN74AHC138DR
AHC138
–40
°C to 85°C
SOP – NS
Tape and reel
SN74AHC138NSR
AHC138
SSOP – DB
Tape and reel
SN74AHC138DBR
HA138
TSSOP
PW
Tube
SN74AHC138PW
HA138
TSSOP – PW
Tape and reel
SN74AHC138PWR
HA138
TVSOP – DGV
Tape and reel
SN74AHC138DGVR
HA138
CDIP – J
Tube
SNJ54AHC138J
SNJ54AHC138J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHC138W
SNJ54AHC138W
LCCC – FK
Tube
SNJ54AHC138FK
SNJ54AHC138FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Podobny numer części - SN74AHC138

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC138 TI-SN74AHC138 Datasheet
130Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
135Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI1-SN74AHC138 Datasheet
1Mb / 28P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI1-SN74AHC138 Datasheet
1Mb / 30P
[Old version datasheet]   SN74AHC138-Q1 Automotive 3-Line to 8-Line Decoders/Demultiplexers
MARCH 2024
SN74AHC138-Q1 TI1-SN74AHC138-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   SN74AHC138-Q1 Automotive 3-Line to 8-Line Decoders/Demultiplexers
MARCH 2024
More results

Podobny opis - SN74AHC138

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com