Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ST7LITE1 Datasheet(Arkusz danych) 6 Page - STMicroelectronics

Numer części ST7LITE1
Szczegółowy opis  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
Pobierz  131 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo 

 6 page
background image
ST7LITE1
6/131
2 PIN DESCRIPTION
Figure 2. 20-Pin SO Package Pinout
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VSS
VDD
AIN5/PB5
CLKIN/AIN4/PB4
MOSI/AIN3/PB3
MISO/AIN2/PB2
SCK/AIN1/PB1
SS/AIN0/PB0
OSC1/CLKIN
OSC2
PA5 (HS)/ATPWM3/ICCDATA
PA4 (HS)/ATPWM2
PA3 (HS)/ATPWM1
PA2 (HS)/ATPWM0
PA1 (HS)/ATIC
PA0 (HS)/LTIC
(HS) 20mA high sink capability
eix
associated external interrupt vector
12
11
9
10
AIN6/PB6
PA7(HS)
PA6/MCO/ICCCLK/BREAK
RESET
ei3
ei2
ei0
ei1
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ST7DALI8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI DALI 1 2 3 4 5 MoreSTMicroelectronics
ST7LITE08-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI 1 2 3 4 5 MoreSTMicroelectronics
ST7LITE28-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI 1 2 3 4 5 MoreSTMicroelectronics
ST7LITE38-BIT MCU WITH SINGLE VOLTAGE FLASH DATA EEPROM ADC TIMERS SPI LINSCI 1 2 3 4 5 MoreSTMicroelectronics
ST72334J8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI I2C INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7262LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS FLASH OR ROM MEMORY LVD WDG 10-BIT ADC 2 TIMERS SCI SPI 1 2 3 4 5 MoreSTMicroelectronics
ST72260G8-BIT MCU WITH FLASH OR ROM MEMORY ADC TWO 16-BIT TIMERS I2C SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST72311R8-BIT MCU WITH NESTED INTERRUPTS EEPROM ADC 16-BIT TIMERS 8-BIT PWM ART SPI SCI CAN INTERFACES 1 2 3 4 5 MoreSTMicroelectronics

Link URL