Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1265-1.8VETTR Arkusz danych(PDF) 9 Page - Microchip Technology

Numer części TC1265-1.8VETTR
Szczegółowy opis  800 mA Fixed-Output CMOS LDO with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265-1.8VETTR Arkusz danych(HTML) 9 Page - Microchip Technology

Back Button TC1265-1.8VETTR Datasheet HTML 5Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 6Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 7Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 8Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 9Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 10Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 11Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 12Page - Microchip Technology TC1265-1.8VETTR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2004 Microchip Technology Inc.
DS21376C-page 9
TC1265
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend:
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
XXXXXXXXX
XXXXXXXXX
YYWWNNN
5-Lead DDPAK
TC1265
3.3VET
Example
5-Lead TO-220
XXXXXXXXX
XXXXXXXXX
YYWWNNN
Example:
TC1265-
3.3VAT
X
0430256
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
1265-3.3
VOA0430
256
0430256


Podobny numer części - TC1265-1.8VETTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1265-1.8VETTR MICROCHIP-TC1265-1.8VETTR Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results

Podobny opis - TC1265-1.8VETTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com