Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1265-1.8VOATR Arkusz danych(PDF) 7 Page - Microchip Technology

Numer części TC1265-1.8VOATR
Szczegółowy opis  800 mA Fixed-Output CMOS LDO with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265-1.8VOATR Arkusz danych(HTML) 7 Page - Microchip Technology

Back Button TC1265-1.8VOATR Datasheet HTML 3Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 4Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 5Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 6Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 7Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 8Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 9Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 10Page - Microchip Technology TC1265-1.8VOATR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2004 Microchip Technology Inc.
DS21376C-page 7
TC1265
4.0
DETAILED DESCRIPTION
The TC1265 is a precision, fixed-output LDO. Unlike
bipolar regulators, the TC1265’s supply current does
not increase with load current. In addition, VOUT
remains stable and within regulation over the entire
0mA to ILOADMAX load current range (an important
consideration in RTC and CMOS RAM battery back-up
applications).
Figure 4-1 shows a typical application circuit.
FIGURE 4-1:
Typical Application Circuit.
4.1
Output Capacitor
A 1 µF (min.) capacitor from VOUT to ground is
required. The output capacitor should have an Effective
Series Resistance (ESR) greater than 0.1
Ω and less
than 5
Ω. A 1 µF capacitor should be connected from
VIN to GND if there is more than 10 inches of wire
between the regulator and the AC filter capacitor, or if a
battery is used as the power source. Aluminum electro-
lytic or tantalum capacitor types can be used. Since
many aluminum electrolytic capacitors freeze at
approximately -30°C, solid tantalums are recom-
mended for applications operating below -25°C. When
operating from sources other than batteries, supply-
noise rejection and transient response can be
improved by increasing the value of the input and
output capacitors, and by employing passive filtering
techniques.
4.2
ERROR Output
ERROR is driven low whenever VOUT falls out of
regulation by more than – 5% (typ.). This condition may
be caused by low input voltage, output current limiting,
or thermal limiting. The ERROR threshold is 5% below
rated VOUT regardless of the programmed output
voltage value (e.g., ERROR = VOL at 4.75V (typ.) for a
5.0V regulator and 2.85V (typ.) for a 3.0V regulator).
ERROR output operation is shown in Figure 4-2.
Note that ERROR is active when VOUT is at or below
VTH and inactive when VOUT is above VTH + VH.
As shown in Figure 4-1, ERROR can be used as a
battery low flag or as a processor RESET signal (with
the addition of timing capacitor C3). R1 x C3 should be
chosen to maintain ERROR below VIH of the processor
RESET input for at least 200 ms to allow time for the
system to stabilize. Pull-up resistor R1 can be tied to
VOUT, VIN or any other voltage less than (VIN + 0.3V).
FIGURE 4-2:
ERROR Output Operation.
C1
R1
1M
V+
TC1265
VIN
Battery
VOUT
ERROR
SHDN
GND
VOUT
1µF
+
+
Shutdown Control
(to CMOS Logic or Tie
to VIN, if unused)
C2
1µF
+
C3 Required Only
if ERROR is used as a
Processor RESET Signal
(See Text)
C3
0.2 µF
+
BATTLOW
or RESET
VOUT
VTH
VIH
Hysteresis (VH)
VOL
ERROR


Podobny numer części - TC1265-1.8VOATR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1265-1.8VOATR MICROCHIP-TC1265-1.8VOATR Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results

Podobny opis - TC1265-1.8VOATR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com