Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EBOX100-312-FL Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części EBOX100-312-FL
Szczegółowy opis  Fanless Embedded System with Intel Celeron Processor N3350 2.4 GHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EBOX100-312-FL Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  EBOX100-312-FL Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
280
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
eBOX100-312-FL
AC Version
OVP (over voltage protection)
OCP (over current protection)
SCP (short circuit protection)
NEW
Fanless Embedded System with Intel® Celeron® Processor N3350 2.4 GHz,
2 HDMI, 2 GbE LANs and 6 USB
Fanless operation with low power consumption
Intel® Celeron® N3350 2.4 GHz dual core
1 COM port, 6 USB ports and 2 GbE LANs
2 full-size PCIe Mini Card slots for WLAN and WWAN
2.5" swappable SATA HDD drive bay for easy-maintenance
Supports Jumbo Frame (9k), WoL, PXE Remote Boot
Suitable for smart retail and light industries
Features
Specifications
Standard Color
Silver black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Celeron® processor N3350 2.4 GHz with turbo boost
System Memory
1 x 204-pin DDR3L-1600 SO-DIMM, up to 8GB
Chipset
SoC integrated
BIOS
AMI UEFI BIOS
System I/O Outlet
2 x USB 3.0
4 x USB 2.0
4 x Antenna opening
1 x ATX power switch
1 x ATX/AT quick switch
1 x Reset button
1 x Remote power switch
1 x RS-232
2 x 10/100/1000 Mbps Ethernet (Intel® i211AT)
2 x HDMI 1.4b
1 x DC power input (screw type)
Watchdog Timer
255 levels, 1 ~ 255 sec.
Storage
1 x 2.5" SATA HDD drive bay
Expansion Slot
2 x full-size PCI Express Mini Card (USB + PCIe)
1 x SIM slot
System Indicator
1 x green LED for system power ON
1 x orange LED for HDD active
Power Supply
12 VDC
Operating Temperature
-5°C ~ +60°C (+23°F ~ +140°F) (with W.T. DRAM & SSD)
Humidity
10% ~ 90%, non-condensing
Vibration Endurance
3 Grms with SSD (5 ~ 500Hz, X, Y, Z directions)
Weight
1.15 kg (2.53 lb)/1.5 kg (3.3 lb)
Certificate
CE, FCC Part 15B Class A
Dimensions
216 mm (8.5") x 137.65 mm (5.41") x 44 mm (1.73")
EOS Support
Win 10 IoT
* W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
Packing List
1 x Quick manual
1 x Driver CD
1 x Screw pack
4 x Foot pad (Pre-install)
1 x HDD Rubber
1 x Remote switch cable
1 x US power cord or 1 x EU power cord
Ordering Information
Power Protection
Standard
eBOX100-312-FL-N3350-US Fanless embedded system with Intel® Celeron® N3350 2.4
GHz,2 HDMI, 2 GbE LANs, 6 USB, 12V/36W power adapter and
US power cord
eBOX100-310-FL-N3350-EU Fanless embedded system with Intel® Celeron® N3350 2.4
GHz,2 HDMI, 2 GbE LANs, 6 USB, 12V/36W power adapter and
EU power cord
Optional
2.5” SATA HDD
2.5” SATA SSD
2.5” SATA HDD
Wall mount Kit
DIN-rail Kit
Wi-Fi Module
3G/LTE Module
64GB or above
100GB or above
Max. 8GB
88606200010E
881606470A0E
826K1000010E
*Specifications and certifications may vary according to various options.
Rear view
1 x 2.5" swappable
HDD drive bay
1 x RS-232
12VDC power input
2 x GbE LAN
2 x USB 2.0
2 x HDMI
2 x USB 3.0
Power button
Remote power switch
ATX/AT quick switch
Intel® Celeron® N3350
2 x USB 2.0
Reset switch
LED indicators
Fanless
IP40
DDR3L
DDR3
DDR3
Low Power
4K Ultra HD
4K
DualView
USB 3.0
USB
USB
Updated Jun. 26, 2017.
Front view


Podobny numer części - EBOX100-312-FL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
EBOX310-830-FL AXIOMTEK-EBOX310-830-FL Datasheet
504Kb / 2P
   Optional CAN Bus support
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
608Kb / 2P
   Fanless Embedded System with Intel Atom Processor E3825 1.33 GHz, VGA or HDMI, GbE LAN, 2 COM and 4 USB
EBOX511-820-FL AXIOMTEK-EBOX511-820-FL Datasheet
445Kb / 1P
   Wide range DC-in
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
More results

Podobny opis - EBOX100-312-FL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
ICO300-83B AXIOMTEK-ICO300-83B Datasheet
311Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO100-839 AXIOMTEK-ICO100-839_17 Datasheet
293Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO120-83D AXIOMTEK-ICO120-83D Datasheet
313Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO320-83C AXIOMTEK-ICO320-83C Datasheet
290Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350/N4200
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL_17 Datasheet
330Kb / 1P
   Fanless Embedded System with Intel Celeron Processor J1900 2.0 GHz
logo
AAEON Technology
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
   Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
logo
Axiomtek Co., Ltd.
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_17 Datasheet
295Kb / 1P
   Fanless Embedded System with Intel Core i7/i3 & Celeron Processor
ICO310 AXIOMTEK-ICO310_17 Datasheet
300Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
   Fanless Embedded System with Intel Atom Processor
EBOX625-853-FL AXIOMTEK-EBOX625-853-FL_17 Datasheet
269Kb / 1P
   Fanless Embedded System with Intel Celeron N3160 2.24 GHz, VGA/HDMI
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com