Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ICO100-839 Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części ICO100-839
Szczegółowy opis  Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ICO100-839 Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  ICO100-839_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. ICO100-839_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
375
* All specifications and photos are subject to change without notice.
Standard Color
Silver
Construction
Aluminum, IP40
CPU
Intel® Celeron® processor N3350 (1.1 GHz, Dual Core)
System Board
SBC87839
System Memory
1 x DDR3L-1866 SO-DIMM, up to 8GB
BIOS
AMI UEFI BIOS
System I/O Outlet
Serial Port
2 x RS-232/422/485 (COM 1-2)
Interface select by BIOS
Supports Auto Flow Control in RS-485
mode
USB
2 x USB 2.0
Storage
1 x mSATA
LAN
1 x 10/100/1000 Mbps Ethernet
(Intel® i211AT)
Magnetic isolation protection 1.5KV
VGA
1 x DB15 connector
DIO
1 x DI/DO (8-bit programmable, DB9
female connector)
Voltage is 5V TTL-level
Programming:
I/O sink current is 10mA (max.)
Input/output can be programming
Power Input
1 x DC power input with terminal block
NEW
Specifications
Extension
2 x full-size PCI Express Mini Card slots
1 x SIM card socket
Watchdog Timer
1 WDT
One step is 1 sec, 255 levels
System Indicator
Power, Active
Power Supply
Power Input Range: 12 ~ 24 VDC, 1.15 ~ 0.62A
Protection: OVP, reverse protection
Operating Temperature
-20°C ~ +70°C (-4°F ~ +158°F)
Optional for -40°C ~ +70°C (-40°F ~ +158°F)
Humidity
10% ~ 95%
Vibration Endurance
2G@5 ~ 500Hz, amplitude 0.35 mm (operation/storage/
transport)
Weight (net/gross)
0.3 kg (0.67 lb)/0.46 kg (1 lb)
Certificate
CE
FCC Class A
Dimensions
31 mm (1.22") (W) x 100 mm (3.93") (D) x 125 mm (4.92") (H)
EOS Support
Windows® 10 IoT
Linux support package
AXView 2.0
* All wide temperature configurations shall be sorted by Axiomtek
Rear view
USB
VGA
DIO
Power DC-In
Front view
1 x GbE LAN
USB
2 x COM
ICO100-839
Extreme cost-effective with fanless and cableless design
Intel® Celeron® processor N3350
2 COM, 2 USB, 1 GbE LAN
8-bit programmable DIO for IoT gateway applications
Wide operating temperature range from -20°C to +70°C
12 ~ 24 VDC wide range power input
OVP, UVP, OCP, RPP power protection design
AXView 2.0 intelligent embedded monitoring software for IoT
Features
Robust DIN-rail Fanless Embedded System with Intel® Celeron® Processor N3350,
2 COM, 1 LAN, 2 USB and 1 DIO
IP40
EN60950
Fanless
Low Power
Ext. Temp
AXView
Updated Sep. 21, 2017.


Podobny numer części - ICO100-839_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
ICO100-839-E3930-DC AXIOMTEK-ICO100-839-E3930-DC Datasheet
319Kb / 3P
   Robust DIN-rail Fanless Embedded System with Intel짰 Atom??x5-E3930 Processor, 2 COM, 1 LAN, 2 USB and 1 DIO
More results

Podobny opis - ICO100-839_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
ICO300-83B AXIOMTEK-ICO300-83B Datasheet
311Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO120-83D AXIOMTEK-ICO120-83D Datasheet
313Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO320-83C AXIOMTEK-ICO320-83C Datasheet
290Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350/N4200
ICO310 AXIOMTEK-ICO310_17 Datasheet
300Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor
ICO310 AXIOMTEK-ICO310 Datasheet
336Kb / 2P
   Robust Din-rail Fanless Embedded System with Intel Celeron
ICO300 AXIOMTEK-ICO300_17 Datasheet
345Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor
EBOX100-312-FL AXIOMTEK-EBOX100-312-FL Datasheet
310Kb / 1P
   Fanless Embedded System with Intel Celeron Processor N3350 2.4 GHz
ICO300-MI AXIOMTEK-ICO300-MI_17 Datasheet
393Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor E3815
RBOX510-6COM AXIOMTEK-RBOX510-6COM_17 Datasheet
410Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor E3827
RBOX310-4COM AXIOMTEK-RBOX310-4COM_17 Datasheet
377Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor N2800
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com