Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC162245ADGG Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LVC162245ADGG
Szczegółowy opis  16-bit transceiver with direction pin;
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC162245ADGG Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LVC162245ADGG Datasheet HTML 1Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2003 Dec 08
4
Philips Semiconductors
Product specification
16-bit transceiver with direction pin; 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC162245A;
74LVCH162245A
PINNING
SYMBOL
PIN
DESCRIPTION
1DIR
1
direction control input
n.c.
not connected
1B0
2
data input/output
1B1
3
data input/output
GND
4, 10, 15, 21, 28,
34, 39, 45
ground (0 V)
1B2
5
data input/output
1B3
6
data input/output
VCC
7, 18, 31, 42
supply voltage
1B4
8
data input/output
1B5
9
data input/output
1B6
11
data input/output
1B7
12
data input/output
2B0
13
data input/output
2B1
14
data input/output
2B2
16
data input/output
2B3
17
data input/output
2B4
19
data input/output
2B5
20
data input/output
2B6
22
data input/output
2B7
23
data input/output
2DIR
24
direction control input
2OE
25
output enable input
(active LOW)
2A7
26
data input/output
2A6
27
data input/output
2A5
29
data input/output
2A4
30
data input/output
2A3
32
data input/output
2A2
33
data input/output
2A1
35
data input/output
2A0
36
data input/output
1A7
37
data input/output
1A6
38
data input/output
1A5
40
data input/output
1A4
41
data input/output
1A3
43
data input/output
1A2
44
data input/output
1A1
46
data input/output
1A0
47
data input/output
1OE
48
output enable input
(active LOW)
SYMBOL
PIN
DESCRIPTION
162245
001aaa156
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1B0
1B1
GND
1A0
1A1
GND
1DIR
1OE
1B2
1B3
VCC
1B4
1B5
GND
1B6
1B7
2B0
2B1
GND
2B2
2B3
VCC
2B4
2B5
GND
2B6
2B7
2DIR
1A2
1A3
VCC
1A4
1A5
GND
1A6
1A7
2A0
2A1
GND
2A2
2A3
VCC
2A4
2A5
GND
2A6
2A7
2OE
Fig.1 Pin configuration SSOP48 and TSSOP48.


Podobny numer części - 74LVC162245ADGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC162245ADGG PHILIPS-74LVC162245ADGG Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC162245ADGG NEXPERIA-74LVC162245ADGG Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC162245ADGG-Q100 NEXPERIA-74LVC162245ADGG-Q100 Datasheet
237Kb / 14P
   16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
More results

Podobny opis - 74LVC162245ADGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com