Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUZ906X4S Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części BUZ906X4S
Szczegółowy opis  NEW PRODUCT UNDER DEVELOPMENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

BUZ906X4S Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  BUZ906X4S Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ906X4S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* Pulse Test: Pulse Width = 300
µS , Duty Cycle ≤ 2%
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
VGS = 10V
ID = –10mA
VDS = 0
IG = ±100µA
VDS = –10V
ID = –100mA
VGD = 0
ID = –32A
VGS = 10V
VDS = –160V
VDS = –200V
VDS = –10V
ID = –5A
VDS = –10V
f = 1MHz
VDS = –20V
ID = –7A
Drain – Source Breakdown Voltage
Gate – Source Breakdown Voltage
Gate – Source Cut–Off Voltage
Drain – Source Saturation Voltage
Drain – Source Cut–Off Current
Forward Transfer Admittance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn–on Time
Turn-off Time
BVDSX
BVGSS
VGS(OFF)
VDS(SAT)*
IDSX
yfs*
Ciss
Coss
Crss
ton
toff
V
V
V
V
mA
mA
S
pF
nS
ELECTRICAL RATINGS (T
case = 25°C unless otherwise stated)
Prelim. 4/94
–160
–200
±14
–0.1
–1.5
–12
–10
–10
2
6
TBE
TBE
TBE
TBE
TBE
TEC
MAGNA
Magnatec. Telephone (0455) 554711. Telex: 341927. Fax (0455) 552612.
G
S
D
BUZ905X4S
BUZ906X4S
NEW PRODUCT UNDER DEVELOPMENT


Podobny numer części - BUZ906X4S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BUZ906DP ETC-BUZ906DP Datasheet
40Kb / 4P
   P-CHANNEL POWER MOSFET FOR AUDIO APPLICATIONS
BUZ906P ETC-BUZ906P Datasheet
43Kb / 3P
   P-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
BUZ906P ISC-BUZ906P Datasheet
322Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Podobny opis - BUZ906X4S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BUZ900X4S ETC-BUZ900X4S Datasheet
33Kb / 2P
   NEW PRODUCT UNDER DEVELOPMENT
logo
Texas Instruments
LS240-WI-01-A20 TI-LS240-WI-01-A20 Datasheet
341Kb / 4P
[Old version datasheet]   Wireless Product Development
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
   NEW PRODUCT BULLETIN
logo
Rohm
BD8108FM ROHM-BD8108FM Datasheet
814Kb / 16P
   White LED driver IC (under development) HSOP-M28 package
logo
Toshiba Semiconductor
TC7SET86F TOSHIBA-TC7SET86F_02 Datasheet
206Kb / 6P
   TENTATIVE (UNDER DEVELOPMENT) TOSHIBA CMOS DIGITAL INTERATED CIRCUIT SILICON MONOLITHIC
logo
COSMO Electronics Corp...
KMOC308X COSMO-KMOC308X Datasheet
306Kb / 4P
   COSMO New Product Photo Triac KMOC308X Series 800V
logo
Microchip Technology
DM320016 MICROCHIP-DM320016 Datasheet
343Kb / 6P
   PCAP Touch Pad Development Kit with Gestures Product Brief
10/28/13
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
List of Unclassifed Man...
VL-ENCL-5 ETC2-VL-ENCL-5 Datasheet
368Kb / 15P
   The VL-ENCL-5 provides easy access, superb protection and portable convenience for products under development.
logo
Sharp Corporation
IR3E3074 SHARP-IR3E3074 Datasheet
1Mb / 24P
   Product Development Dept. I Analog Ic Division Integrated Circuits Group SHARP CORPORATION
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com