Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37C78 Arkusz danych(PDF) 9 Page - SMSC Corporation

Numer części FDC37C78
Szczegółowy opis  Floppy Disk Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C78 Arkusz danych(HTML) 9 Page - SMSC Corporation

Back Button FDC37C78 Datasheet HTML 5Page - SMSC Corporation FDC37C78 Datasheet HTML 6Page - SMSC Corporation FDC37C78 Datasheet HTML 7Page - SMSC Corporation FDC37C78 Datasheet HTML 8Page - SMSC Corporation FDC37C78 Datasheet HTML 9Page - SMSC Corporation FDC37C78 Datasheet HTML 10Page - SMSC Corporation FDC37C78 Datasheet HTML 11Page - SMSC Corporation FDC37C78 Datasheet HTML 12Page - SMSC Corporation FDC37C78 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
9
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
MISCELLANEOUS
40
CLOCK 1
X1
ICLK
The external connection for a parallel
resonant 24 MHz crystal.
A CMOS
compatible oscillator is required if crystal is
not used.
39
CLOCK 2
X2
OCLK
24 MHz crystal. If an external clock is used,
this pin should not be connected. This pin
should not be used to drive any other drivers.
7, 12, 19,
32
Power
VCC
Positive Supply Voltage.
6, 18, 30,
41
Ground
GND
Ground Supply.
BUFFER TYPE DESCRIPTIONS
Note: These values are for 3
.3V operation. See Operational Description for 3.3V/5V values.
BUFFER TYPE
DESCRIPTION
I/O12
Input/output. 12 mA sink; 6 mA source
O12
Output. 12 mA sink; 6 mA source
OD20
Open drain. 20 mA sink
OCLK
Output to external crystal
ICLK
Input to Crystal Oscillator Circuit (CMOS levels)
I
Input TTL compatible.
IS
Input with Schmitt Trigger


Podobny numer części - FDC37C78

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Microchip Technology
FDC37C78 MICROCHIP-FDC37C78 Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
More results

Podobny opis - FDC37C78

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
   UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com