Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L78M20 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części L78M20
Szczegółowy opis  POSITIVE VOLTAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M20 Arkusz danych(HTML) 2 Page - STMicroelectronics

  L78M20 Datasheet HTML 1Page - STMicroelectronics L78M20 Datasheet HTML 2Page - STMicroelectronics L78M20 Datasheet HTML 3Page - STMicroelectronics L78M20 Datasheet HTML 4Page - STMicroelectronics L78M20 Datasheet HTML 5Page - STMicroelectronics L78M20 Datasheet HTML 6Page - STMicroelectronics L78M20 Datasheet HTML 7Page - STMicroelectronics L78M20 Datasheet HTML 8Page - STMicroelectronics L78M20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
L78M00 SERIES
2/21
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
SHEMATIC DIAGRAM
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
(for VO=5 to 18V)
(for VO= 20, 24V)
35
40
V
V
IO
Output Current
Internally Limited
mA
PD
Power Dissipation
Internally Limited
mW
Tstg
Storage Temperature Range
-65 to +150
°C
Top
Operating Junction Temperature Range
0to +150
°C
Symbol
Parameter
TO-220
TO-220FP
DPAK
IPAK
Unit
Rthj-case Thermal Resistance Junction-case
35
8
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
50
60
100
°C/W


Podobny numer części - L78M20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L78M20 STMICROELECTRONICS-L78M20 Datasheet
493Kb / 30P
   Positive voltage regulators
L78M20ABDT STMICROELECTRONICS-L78M20ABDT Datasheet
203Kb / 17P
   PRECISION 500mA REGULATORS
L78M20ABV STMICROELECTRONICS-L78M20ABV Datasheet
203Kb / 17P
   PRECISION 500mA REGULATORS
L78M20ACDT STMICROELECTRONICS-L78M20ACDT Datasheet
203Kb / 17P
   PRECISION 500mA REGULATORS
L78M20CDT STMICROELECTRONICS-L78M20CDT Datasheet
173Kb / 19P
   POSITIVE VOLTAGE REGULATORS
More results

Podobny opis - L78M20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com