Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0-0B06PRA004RC-L022C09 Arkusz danych(PDF) 5 Page - Vincotech

Numer części 0-0B06PRA004RC-L022C09
Szczegółowy opis  IGBT in TRENCHSTOP RC technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VINCOTECH [Vincotech]
Strona internetowa  http://www.vincotech.com
Logo VINCOTECH - Vincotech

0-0B06PRA004RC-L022C09 Arkusz danych(HTML) 5 Page - Vincotech

  0-0B06PRA004RC-L022C09 Datasheet HTML 1Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 2Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 3Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 4Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 5Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 6Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 7Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 8Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
10-0B06PRA004RC-L022C09
datasheet
Copyright Vincotech
5
13 Feb. 2017 / Revision 2
Typical output characteristics
IGBT
Typical output characteristics
IGBT
I C = f(V CE)
I C = f(V CE)
t p =
250
µs
25 °C
t p =
250
µs
V GE=
15
V
T j:
125 °C
T j =
150
°C
150 °C
V GE from
7 V to 17 V in steps of 1 V
Typical transfer characteristics
IGBT
Transient thermal impedance as a function of pulse width IGBT
I C = f(V CE)
Z thJH = f(t p)
t p =
100
µs
25 °C
D =
t p / T
V CE =
10
V
T j:
125 °C
R thJH =
2,60
K/W
150 °C
R (K/W)
Tau (s)
7,48E-02
2,66E+00
1,91E-01
2,47E-01
1,40E+00
4,11E-02
4,54E-01
1,27E-02
4,75E-01
2,92E-03
IGBT thermal model values
0
1
2
3
4
0
2
4
6
8
10
12
VCE (V)
0
3
6
9
12
0
1
2
3
4
5
VCE (V)
0
3
6
9
12
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
VCE (V)
0,01
0,1
1
10
1,00E-04
1,00E-03
1,00E-02
1,00E-01
1,00E+00
1,00E+01
1,00E+02
0,5
0,2
0,1
0,05
0,02
0,01
0,005
0
tp(s)
Inverter Switch Characteristics


Podobny numer części - 0-0B06PRA004RC-L022C09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vincotech
0-0B066PA006SB-M992F09 VINCOTECH-0-0B066PA006SB-M992F09 Datasheet
1Mb / 17P
   Open emitter topology
More results

Podobny opis - 0-0B06PRA004RC-L022C09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
IGU04N60T INFINEON-IGU04N60T Datasheet
349Kb / 12P
   IGBT in TRENCHSTOP technology
Rev. 2.0 24.02.2014
IGU04N60T INFINEON-IGU04N60T_16 Datasheet
464Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??technology
Rev. 2.1 17.02.2016
IGB50N60T INFINEON-IGB50N60T_09 Datasheet
467Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.5 04.03.2009
IGD06N60T INFINEON-IGD06N60T Datasheet
460Kb / 12P
   IGBT in TRENCHSTOP and Fieldstop technology
Rev. 2.2, 20.09.2013
IGB30N60T INFINEON-IGB30N60T_09 Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB15N60T INFINEON-IGB15N60T_15 Datasheet
688Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 30.04.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com