Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV24C08 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części MTV24C08
Szczegółowy opis  2-Wire 8912-Bit Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

MTV24C08 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV24C08 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV24C08 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV24C08 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV24C08 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV24C08 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV24C08 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV24C08 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV24C08 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV24C08 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MYSON
TECHNOLOGY
MTV24C08/
24LC08
(Preliminary)
2-Wire 8912-Bit Serial CMOS EEPROM
This datasheet contains new product information. Analog Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
MTV24C08/24LC08 Revision.1.0 11/03/1999
1/15
FEATURES
State- of- the- Art Architecture
- Non-volatile data storage
- Standard Voltage and Low Voltage Operation
5.0(Vcc = 4.5V to 5.5V) for MTV24C08
3.0(Vcc = 2.7V to 5.5V) for 24LC08
2 wire I2C serial interface
- Provides bidirectional data transfer protocol
16-byte page write mode
- Minimizes total write time per word
Self-timed write-cycle(including auto-erase)
Durable and Reliable
- 10 years data retention after 1000K write/erase cycles
- Minimum of 1,000,000 write/erase cycles per word
- Unlimited read cycles
- ESD protection
Low standby current
GENERAL DESCRIPTION
The MTV24C08/24LC08 is a low cost, non-volatile, 4096-bit serial EEPROM with enhanced security device
and conforms to all specifications in I2C 2 wire protocol. The whole memory can be disabled (Write
Protected) by connecting the WP pin to Vcc. This section of memory then becomes unalterable unless WP
is switched to Vss. It is enhanced with security function. Every word of the memory has a programmable
security bit to permit whether it can be altered or not. The MTV24C08/24LC08's communication protocol
uses CLOCK(SCL) and DATA I/O(SDA) lines to synchronously clock data between the master (for example
a microcomputer)and the slave EEPROM devices(s) .In addition, the bus structure allows for a maximum of
16K of EEPROM memory. This supports the family in 2K, 4K, 8K, 16K devices, allowing the user to
configure the memory as the application requires with any combination of EEPROMs (not to exceed 16K).
MTV EEPROMs are designed and tested for application requiring high endurance, high reliability, and low
power consumption.


Podobny numer części - MTV24C08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
logo
ON Semiconductor
MTV20N50E ONSEMI-MTV20N50E Datasheet
287Kb / 11P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTV20N50E ISC-MTV20N50E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
MTV212A16 ETC1-MTV212A16 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A16 ETC2-MTV212A16 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

Podobny opis - MTV24C08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
24C256 ISSI-24C256 Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
24C128 ISSI-24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
   CMOS 2-WIRE SERIAL EEPROM
logo
Integrated Silicon Solu...
IS24C64 ISSI-IS24C64 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com