Zakładka z wyszukiwarką danych komponentów |
|
NTD25P03 Arkusz danych(PDF) 3 Page - ON Semiconductor |
|
NTD25P03 Arkusz danych(HTML) 3 Page - ON Semiconductor |
3 / 10 page NTD25P03L http://onsemi.com 3 TYPICAL MOSFET ELECTRICAL CHARACTERISTICS 1.6 0.8 1.2 0.6 100 10 10,000 0 40 5 20 1 −VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS) 0 −VGS, GATE−TO−SOURCE VOLTAGE (VOLTS) Figure 1. On−Region Characteristics Figure 2. Transfer Characteristics 0 0.25 0.15 25 20 15 0.1 0.05 0 530 Figure 3. On−Resistance versus Drain Current and Temperature −ID, DRAIN CURRENT (AMPS) Figure 4. On−Resistance versus Drain Current and Gate Voltage −ID, DRAIN CURRENT (AMPS) Figure 5. On−Resistance Variation with Temperature TJ, JUNCTION TEMPERATURE (°C) Figure 6. Drain−to−Source Leakage Current versus Voltage −VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS) −50 0 −25 50 25 4 2 15 015 20 10 30 5 10 30 VDS ≥ −5 V TJ = 25°C TJ = −40°C TJ = 125°C 150 ID = −12.5 VGS = −5 V 50 0.3 VGS = 10 V VGS = −5 V 3 40 20 0 10 30 50 0 0.075 0.05 20 15 0.025 0 10 50 0.01 1000 TJ = 25°C TJ = 25°C 24 9 V 8 V 4.5 V 3 V 3 10 40 35 45 50 0.2 T = 125 °C T = −40 °C T = 25 °C 545 40 35 30 25 VGS = −5 V VGS = −10 V 1 100 75 125 1.4 25 VGS = 0 V TJ = 150°C TJ = 125°C 2.5 V 3.5 V 4 V 5 V 6 V 7 V 6 |
Podobny numer części - NTD25P03 |
|
Podobny opis - NTD25P03 |