Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VE18-4P3140V Arkusz danych(PDF) 2 Page - SICK AG

Numer części VE18-4P3140V
Szczegółowy opis  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SICK [SICK AG]
Strona internetowa  http://www.sick.com/
Logo SICK - SICK AG

VE18-4P3140V Arkusz danych(HTML) 2 Page - SICK AG

  VE18-4P3140V Datasheet HTML 1Page - SICK AG VE18-4P3140V Datasheet HTML 2Page - SICK AG VE18-4P3140V Datasheet HTML 3Page - SICK AG VE18-4P3140V Datasheet HTML 4Page - SICK AG VE18-4P3140V Datasheet HTML 5Page - SICK AG VE18-4P3140V Datasheet HTML 6Page - SICK AG VE18-4P3140V Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VS/VE18-4P3140V | V18V
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
VS/VE18-4P3140V
6035499
Other models and accessories
www.sick.com/V18V
Detailed technical data
Features
Sensor/ detection principle
Through-beam photoelectric sensor
Housing design (light emission)
Cylindrical, straight
Housing length
83 mm
Thread diameter (housing)
M18 x 1
Optical axis
Axial
Sensing range max.
0 m ... 20 m
Sensing range
0 m ... 18 m
Type of light
Infrared light
Light source
LED 1)
Light spot size (distance)
Ø 600 mm (15 m)
Angle of dispersion
2.5°
Wave length
880 nm
Adjustment
None
1) Average service life: 100,000 h at TU = +25 °C.
Communication interface
Communication interface
-
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Podobny numer części - VE18-4P3140V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
VE18-4N3140V SICK-VE18-4N3140V Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
More results

Podobny opis - VE18-4P3140V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com