Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VSE180-2N41137 Arkusz danych(PDF) 6 Page - SICK AG

Numer części VSE180-2N41137
Szczegółowy opis  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SICK [SICK AG]
Strona internetowa  http://www.sick.com/
Logo SICK - SICK AG

VSE180-2N41137 Arkusz danych(HTML) 6 Page - SICK AG

  VSE180-2N41137 Datasheet HTML 1Page - SICK AG VSE180-2N41137 Datasheet HTML 2Page - SICK AG VSE180-2N41137 Datasheet HTML 3Page - SICK AG VSE180-2N41137 Datasheet HTML 4Page - SICK AG VSE180-2N41137 Datasheet HTML 5Page - SICK AG VSE180-2N41137 Datasheet HTML 6Page - SICK AG VSE180-2N41137 Datasheet HTML 7Page - SICK AG VSE180-2N41137 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VSE180-2N41137 | V180-2
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
VSE180-2, plastic, axial
34 (1.34)
56.8 (2.24)
41.8 (1.65)
41.8 (1.65)
60.5 (2.38)
60.5 (2.38)
62.5 (2.46)
69.8 (2.75)
56.8 (2.24)
6
2
3
4
5
6
1
3
4
5
34 (1.34)
2
(0.08)
2 (0.08)
7
(0.28)
22
(0.87)
2 (0.08)
7
(0.28)
22
(0.87)
9.3
(0.37)
①  M12 male device connector, 4-pin
②  Connection cable 2 m
③  Sensitivity control 270°
④  LED indicator orange
⑤  LED indicator green: strength indicator
⑥  Fastening nuts (2 x); A/F 22, PC
Recommended accessories
Other models and accessories
www.sick.com/V180-2
Brief description
Type
Part no.
Universal bar clamp systems
Plate N06 for universal clamp bracket, M18, Zinc plated steel (sheet), Zinc die cast
(clamping bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N06
2051612
Mounting brackets and plates
Mounting plate for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M18
5321870
Mounting bracket for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Podobny numer części - VSE180-2N41137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
VSE180-2N41132 SICK-VSE180-2N41132 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
VSE180-2N41139 SICK-VSE180-2N41139 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Podobny opis - VSE180-2N41137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com