Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7142 Arkusz danych(PDF) 39 Page - Analog Devices

Numer części AD7142
Szczegółowy opis  Programmable Controller for Capacitance Touch Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7142 Arkusz danych(HTML) 39 Page - Analog Devices

Back Button AD7142_17 Datasheet HTML 35Page - Analog Devices AD7142_17 Datasheet HTML 36Page - Analog Devices AD7142_17 Datasheet HTML 37Page - Analog Devices AD7142_17 Datasheet HTML 38Page - Analog Devices AD7142_17 Datasheet HTML 39Page - Analog Devices AD7142_17 Datasheet HTML 40Page - Analog Devices AD7142_17 Datasheet HTML 41Page - Analog Devices AD7142_17 Datasheet HTML 42Page - Analog Devices AD7142_17 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Data Sheet
AD7142
Rev. B | Page 39 of 70
TYPICAL APPLICATION CIRCUITS
VDRIVE
2.2kΩ
HOST
WITH
SPI
INTERFACE
SS
SCK
MOSI
MISO
INT
VHOST
AVCC, DVCC
1.8V
AVCC, DVCC 2.7V TO 3.6V
0.1µF
1µF TO 10µF
(OPTIONAL)
24
23
22
21
20
19
18
17
10nF
CIN3
CIN4
CIN5
CIN6
CIN7
CIN8
CIN9
CIN10
CS
SDI
SCLK
VDRIVE
DVCC
DGND1
SDO
DGND2
AD7142
1
2
3
4
5
6
7
8
SENSOR PCB
SCROLL WHEEL
BUTTON
BUTTON
BUTTON
BUTTON
Figure 57. Typical Application Circuit with SPI Interface
2.2kΩ
SCK
SDO
INT
CIN3
CIN4
CIN5
CIN6
CIN7
CIN8
CIN9
CIN10
ADD1
ADD0
SCLK
VDRIVE
DVCC
DGND1
SDA
DGND2
AVCC, DVCC
AVCC, DVCC 2.7V TO 3.6V
0.1µF
1µF TO 10µF
(OPTIONAL)
AD7142-1
VDRIVE
VDRIVE
2.2kΩ
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
10nF
HOST
WITH
I2C
INTERFACE
VDRIVE
2.2kΩ
BUTTON
BUTTON
BUTTON
SLIDER
Figure 58. Typical Application Circuit with I2C Interface


Podobny numer części - AD7142_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

Podobny opis - AD7142_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com