Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7143 Arkusz danych(PDF) 34 Page - Analog Devices

Numer części AD7143
Szczegółowy opis  Programmable Controller for Capacitance Touch Sensors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7143 Arkusz danych(HTML) 34 Page - Analog Devices

Back Button AD7143_17 Datasheet HTML 30Page - Analog Devices AD7143_17 Datasheet HTML 31Page - Analog Devices AD7143_17 Datasheet HTML 32Page - Analog Devices AD7143_17 Datasheet HTML 33Page - Analog Devices AD7143_17 Datasheet HTML 34Page - Analog Devices AD7143_17 Datasheet HTML 35Page - Analog Devices AD7143_17 Datasheet HTML 36Page - Analog Devices AD7143_17 Datasheet HTML 37Page - Analog Devices AD7143_17 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
AD7143
Rev. 0 | Page 33 of 56
TYPICAL APPLICATION CIRCUITS
SDA
0.1µF
10nF
SCLK
SENSOR PCB
SCROLL
WHEEL
1CIN2
2CIN3
3CIN4
4CIN5
11
VDRIVE
12
SDA
10
GND
9
VCC
AD7143
VDRIVE
INT
OPTIONAL
I2C INTERFACE
VOLTAGE
(1.65V TO 3.6V)
VCC
2.7V TO 3.6V
1µF TO 10µF
(OPTIONAL)
VHOST
HOST WITH
I2C
INTERFACE
2.2kΩ
2.2kΩ
2.2kΩ
Figure 46. Typical Application Circuit with I2C Interface


Podobny numer części - AD7143_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
More results

Podobny opis - AD7143_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com