Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7147 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7147
Szczegółowy opis  CapTouch Programmable Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7147 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7147_17 Datasheet HTML 6Page - Analog Devices AD7147_17 Datasheet HTML 7Page - Analog Devices AD7147_17 Datasheet HTML 8Page - Analog Devices AD7147_17 Datasheet HTML 9Page - Analog Devices AD7147_17 Datasheet HTML 10Page - Analog Devices AD7147_17 Datasheet HTML 11Page - Analog Devices AD7147_17 Datasheet HTML 12Page - Analog Devices AD7147_17 Datasheet HTML 13Page - Analog Devices AD7147_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Data Sheet
AD7147
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
CIN6
2
CIN7
3
CIN8
4
CIN9
5
CIN10
6
CIN11
15 SCLK
16 CS
17 INT
18 GPIO
14 SDI
13 SDO
AD7147
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED INTERNALLY. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS AND MAXIMUM THERMAL CAPABILITY
IT IS RECOMMENDED THAT THE PAD BE SOLDERED TO THE GROUND PLANE.
Figure 5. AD7147 Pin Configuration
PIN 1
INDICATOR
1
CIN6
2
CIN7
3
CIN8
4
CIN9
5
CIN10
6
CIN11
15 SCLK
16 ADD1
17 INT
18 GPIO
14 ADD0
13 SDA
AD7147-1
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED INTERNALLY. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS AND MAXIMUM THERMAL CAPABILITY
IT IS RECOMMENDED THAT THE PAD BE SOLDERED TO THE GROUND PLANE.
Figure 6. AD7147-1 Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
AD7147
AD7147-1
Mnemonic
Description
1
1
CIN6
Capacitance Sensor Input.
2
2
CIN7
Capacitance Sensor Input.
3
3
CIN8
Capacitance Sensor Input.
4
4
CIN9
Capacitance Sensor Input.
5
5
CIN10
Capacitance Sensor Input.
6
6
CIN11
Capacitance Sensor Input.
7
7
CIN12
Capacitance Sensor Input.
8
8
ACSHIELD
CDC Active Shield Output. Connect to external shield or plane.
9
9
BIAS
Bias Node for Internal Circuitry. Requires 100 nF capacitor to ground.
10
10
GND
Ground Reference Point for All Circuitry.
11
11
VCC
Supply Voltage.
12
12
VDRIVE
Serial Interface Operating Voltage Supply.
13
N/A
SDO
SPI Serial Data Output.
N/A
13
SDA
I2C Serial Data Input/Output. SDA requires pull-up resistor.
14
N/A
SDI
SPI Serial Data Input.
N/A
14
ADD0
I2C Address Bit 0.
15
15
SCLK
Clock Input for Serial Interface.
16
N/A
CS
SPI Chip Select Signal.
N/A
16
ADD1
I2C Address Bit 1.
17
17
INT
General-Purpose Open-Drain Interrupt Output. Programmable polarity; requires pull-up resistor.
18
18
GPIO
Programmable GPIO.
19
19
CIN0
Capacitance Sensor Input.
20
20
CIN1
Capacitance Sensor Input.
21
21
CIN2
Capacitance Sensor Input.
22
22
CIN3
Capacitance Sensor Input.
23
23
CIN4
Capacitance Sensor Input.
24
24
CIN5
Capacitance Sensor Input.
Rev. E | Page 9 of 70


Podobny numer części - AD7147_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
More results

Podobny opis - AD7147_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7147A AD-AD7147A Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com