Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7747 Arkusz danych(PDF) 16 Page - Analog Devices

Numer części AD7747
Szczegółowy opis  24-Bit Capacitance-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7747 Arkusz danych(HTML) 16 Page - Analog Devices

Back Button AD7747_17 Datasheet HTML 12Page - Analog Devices AD7747_17 Datasheet HTML 13Page - Analog Devices AD7747_17 Datasheet HTML 14Page - Analog Devices AD7747_17 Datasheet HTML 15Page - Analog Devices AD7747_17 Datasheet HTML 16Page - Analog Devices AD7747_17 Datasheet HTML 17Page - Analog Devices AD7747_17 Datasheet HTML 18Page - Analog Devices AD7747_17 Datasheet HTML 19Page - Analog Devices AD7747_17 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AD7747
Rev. 0 | Page 15 of 28
STATUS REGISTER
Address Pointer 0x00, Read Only, Default Value 0x07
This register indicates the status of the converter. The status register can be read via the 2-wire serial interface to query a finished
conversion.
The RDY pin reflects the status of the RDY bit. Therefore, the RDY pin high-to-low transition can be used as an alternative indication of
the finished conversion.
Table 9. Status Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
RDY
RDYVT
RDYCAP
Default
0
0
0
0
0
1
1
1
Table 10.
Bit
Mnemonic
Description
7 to 3
Not used, always read 0.
2
RDY
RDY = 0 indicates that conversion on the enabled channel(s) is complete and new unread data is available.
If both capacitive and voltage/temperature channels are enabled, the RDY bit is changed to 0 after conversion
on both channels is complete. The RDY bit returns to 1 either when data is read or prior to finishing the next
conversion. If, for example, only the capacitive channel is enabled, then the RDY bit reflects the RDYCAP bit.
1
RDYVT
RDYVT = 0 indicates that a conversion on the voltage/temperature channel is complete and new unread data
is available.
0
RDYCAP
RDYCAP = 0 indicates that a conversion on the capacitive channel is complete and new unread data is available.
CAP DATA REGISTER
24 Bits, Address Pointer 0x01, 0x02, 0x03, Read-Only,
Default Value 0x000000
This register contains the capacitive channel output data. The
register is updated after finished conversion on the capacitive
channel, with one exception: When the serial interface read
operation from the Cap Data register is in progress, the data
register is not updated and the new capacitance conversion
result is lost.
The stop condition on the serial interface is considered to be the
end of the read operation. Therefore, to prevent data corruption,
all three bytes of the data register should be read sequentially
using the register address pointer auto-increment feature of the
serial interface.
To prevent losing some of the results, the Cap Data register
should be read before the next conversion on the capacitive
channel is finished.
The 0x000000 code represents negative full scale (−8.192 pF),
the 0x800000 code represents zero scale (0 pF), and the
0xFFFFFF code represents positive full scale (+8.192 pF).
VT DATA REGISTER
24 Bits, Address Pointer 0x04, 0x05, 0x06, Read-Only,
Default Value 0x000000
This register contains the voltage/temperature channel output
data. The register is updated after finished conversion on the
voltage channel or temperature channel, with one exception:
When the serial interface read operation from the VT Data
register is in progress, the data register is not updated and the
new voltage/temperature conversion result is lost.
The stop condition on the serial interface is considered to be the
end of the read operation. Therefore, to prevent data corruption,
all three bytes of the data register should be read sequentially
using the register address pointer auto-increment feature of the
serial interface.
For voltage input, Code 0 represents negative full scale (−VREF),
the 0x800000 code represents zero scale (0 V), and the
0xFFFFFF code represents positive full scale (+VREF).
To prevent losing some of the results, the VT Data register
should be read before the next conversion on the voltage/
temperature channel is complete.
For the temperature sensor, the temperature can be calculated
from code using the following equation:
Temperature (°C) = (Code/2048) − 4096


Podobny numer części - AD7747_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Podobny opis - AD7747_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com