Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GBJ35005 Arkusz danych(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Numer części GBJ35005
Szczegółowy opis  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YANGJIE [Yangzhou yangjie electronic co., ltd]
Strona internetowa  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBJ35005 Arkusz danych(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GBJ35005 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBJ35005 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBJ35005 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBJ35005 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBJ35005 THRU GBJ3510
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B038
Rev. 2.1, 22-Sep-11
www.21yangjie.com
■Thermal Characteristics (T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT GBJ35005
GBJ3501
GBJ3502
GBJ3504
GBJ3506
GBJ3508
GBJ3510
Thermal
Resistance
Between junction and
ambient, Without
heatsink
R
θJ-A
℃/W
22
Between junction and
case, With heatsink
R
θJ-C
0.8
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
GBJ35005 THRU
GBJ3510
B1
Approximate 6.5
15
750
1500
TUBE
GBJ35005 THRU
GBJ3510
A1
Approximate 6.5
250
250
2000
BOX
■ Characteristics (Typical)
`
80
0
FIG1:Io-Tc Curve
160
90
100
110
120
130
140
150
Tc
heatsink
10
70
20
30
40
sine wave R-load
with heatsink
Case Temperature(℃)
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
FIG3: Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃
Instantaneous Forward VoltageV
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Tj=125
Tj=25
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage%
1
0
2
5
10
20
50
100
150
300
450
FIG2:Surge Forward Current Capability
0
8.3ms 8.3ms
half sine wave
Number of Cycles
non-repetitive
Tj=25℃
1cycle


Podobny numer części - GBJ35005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
GBJ35005 MCC-GBJ35005 Datasheet
76Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
GBJ35005 SUNTAN-GBJ35005 Datasheet
239Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
GBJ35005 RFE-GBJ35005 Datasheet
2Mb / 3P
   Bridge Rectifiers
1-11-2023
logo
Sirectifier Semiconduct...
GBJ35005 SIRECTIFIER-GBJ35005 Datasheet
94Kb / 2P
   Single Phase Bridge Rectifiers
logo
Microdiode Electronics ...
GBJ35005 CHENDA-GBJ35005 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Podobny opis - GBJ35005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com