Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MBSK12S Arkusz danych(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Numer części MBSK12S
Szczegółowy opis  Schottky Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YANGJIE [Yangzhou yangjie electronic co., ltd]
Strona internetowa  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

MBSK12S Arkusz danych(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  MBSK12S_17 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd MBSK12S_17 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
www.21yangjie.com
S-S150
Rev. 1.2, 28-Apr-14
MBSK12S THRU MBSK110S
肖特基桥式整流器 Schottky Bridge Rectifier
■特征 Features
■外形尺寸和印记
Outline Dimensions and Mark
Io
1.0A
VRRM
20V~100V
肖特基芯片
Schottky chip
耐正向浪涌电流能力高
High surge forward current capability
低正向电压
Low VF
■用途 Applications
作一般电源单相桥式整流用
General purpose 1 phase Bridge
rectifier applications
■极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
MBSK
12S
14S
16S
18S 110S
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
20
40
60
80
100
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz正弦波,
电阻负载,Ta=25℃
60Hz sine wave,
R-load, Ta=25℃
安装在氧化铝基板上
On alumina substrate
1.0
安装在玻璃-环氧基板上
On glass-epoxi substrate
0.8
正向(不重复)浪涌电流
Surge(Non-
repetitive)Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
40
正向浪涌电流的平方对电流
浪涌持续时间的积分值
Current Squared Time
I
2t
A
2S
1ms≤t<8.3ms Tj=25℃,单个二极管
1ms≤t<8.3ms Tj=25℃,Rating of per diode
6.6
存储温度
Storage Temperature
Tstg
-55 ~+150
结温
Junction Temperature
Tj
-55 ~+150
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=0.5A, 脉冲测试,单个二极管的额定值IFM=0.5A,
Pulse measurement, Rating of per diode
0.55
0.65
0.75
反向峰值电流
Peak Reverse Current
IRRM
mA
VRM=VRRM ,脉冲测试,单个二极管的额定值
VRM=VRRM , Pulse measurement, Rating of per diode
0.5
热阻
Thermal Resistance
RθJ-A
℃/W
结和环境之间,安装在氧化铝基板上
Between junction and ambient, On alumina substrate
76
结和环境之间,安装在玻璃-环氧基板上
Between junction and ambient, On glass-epoxi
substrate
134
RθJ-L
结和引线之间
Between junction and lead
20
Dimensions in inches and (millimeters)
.157(4.00)
.142(3.60)
.276(7.0)
MAX
.102(2.60)
.087(2.20)
.193(4.90)
.177(4.50)
.033(0.84)
.022(0.56)
.014(0.35)
.006(0.15)
.083(2.12)
.043(1.10)
.008(0.20)
MAX
.106(2.70)
.090(2.30)
.118(3.0)
MAX
.043(1.10)
.028(0.70)
.053(1.53)
.037(0.95)
.053(1.53)
.037(0.95)
MBS
0.094
(2.40)
0.047
(1.20)
0.236
(6.00)
0.072
(1.84)
Mounting Pad Layout
COMPLIANT
RoHS


Podobny numer części - MBSK12S_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yangzhou yangjie electr...
MBSK12S YANGJIE-MBSK12S Datasheet
125Kb / 2P
   Schottky Bridge Rectifier
logo
Kingtronics Internation...
MBSK12S KINGTRONICS-MBSK12S Datasheet
216Kb / 18P
   BRIDGE RECTIFIER
logo
List of Unclassifed Man...
MBSK12S ETC2-MBSK12S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBSK12S LUGUANG-MBSK12S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
MBSK12S LUGUANG-MBSK12S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
More results

Podobny opis - MBSK12S_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CBRLDSH2-100 CENTRAL-CBRLDSH2-100_15 Datasheet
532Kb / 2P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MBSK12M YANGJIE-MBSK12M Datasheet
116Kb / 2P
   Schottky Bridge Rectifier
logo
Central Semiconductor C...
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_15 Datasheet
871Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-40 CENTRAL-CBRLDSH2-40_15 Datasheet
926Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
SLX204MAH ZOWIE-SLX204MAH Datasheet
61Kb / 2P
   Schottky Bridge Rectifier
SCD345MH ZOWIE-SCD345MH Datasheet
48Kb / 2P
   Schottky Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBSK16S LUGUANG-MBSK16S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
MBSK14S LUGUANG-MBSK14S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
logo
Central Semiconductor C...
CBRHDSH1-200 CENTRAL-CBRHDSH1-200_15 Datasheet
606Kb / 2P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
ABSK22S YANGJIE-ABSK22S Datasheet
101Kb / 2P
   Schottky Bridge Rectifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com