Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK12C68-5K55M Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części STK12C68-5K55M
Szczegółowy opis  CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-5K55M Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STK12C68-5K55M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-5K55M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-5K55M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-5K55M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-5K55M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-5K55M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-5K55M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-5K55M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK12C68-5K55M Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STK12C68-M
4-58
28
t
AVAV
t
RC
STORE/RECALL Initiation Cycle Time
35
45
55
ns
29
t
ELQZ
p
Chip Enable to Output Inactive
85
85
85
ns
30
tAVELN
tAE
Address Set-up to Chip Enable
0
0
0
ns
31
tELEHN
q,r
tEP
Chip Enable Pulse Width
25
35
45
ns
32
tEHAXN
tEA
Chip Disable to Address Change
0
0
0
ns
SOFTWARE STORE/RECALL CYCLE q,r,t
ADDRESS
E
DQ(Data Out)
VALID
ADDRESS #6
ADDRESS #1
VALID
HIGH IMPEDANCE
28
tAVAV
28
tAVAV
30
tAVELN
31
tELEHN
32
tEHAXN
23
tSTORE
22
tRECALL
29
tELQZ
ADDRESS #2
Std.
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
NO.
PARAMETER
UNITS
SYMBOLS
STK12C68-40M
STK12C68-45M
STK12C68-55M
Note p: Once the software
STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
Note q: Noise on the E pin may trigger multiple read cycles from the same address and abort the address sequence.
Note r: If the Chip Enable Pulse Width is less than tELQV (see READ CYCLE #2) but greater than or equal to tELEHN, then the data may not be valid at the end
of the low pulse, however the
STORE or RECALL will still be initiated.
Note s: W must be HIGH when E is LOW during the address sequence in order to initiate a nonvolatile cycle. G may be either HIGH or LOW throughout.
Addresses #1 through #6 are found in the MODE SELECTION table. Address #6 determines whether the STK12C68-M performs a
STORE or RECALL.
Note t:
E must be used to clock in the address sequence for the Software
STORE and RECALL cycles.
SOFTWARE STORE/RECALL CYCLE
(VCC = 5.0V ± 10%)
d


Podobny numer części - STK12C68-5K55M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK12C68-5K55M ETC-STK12C68-5K55M Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Cypress Semiconductor
STK12C68-5K55M CYPRESS-STK12C68-5K55M Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
More results

Podobny opis - STK12C68-5K55M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10