Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ABT240 Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54ABT240
Szczegółowy opis  OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT240 Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  54ABT240 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT240 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT240 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT240 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT240 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT240 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT240 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT240 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT240 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MN54ABT240-X REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
4.5V to 5.5V Temp Range: -55C to 125C
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
VOH
High Level Output
Voltage
VCC=4.5V, IOH=-24.0mA, VINH=4.5V,
VINL=0.0V, VIH=2.0V, VIL=0.8V
1, 4 OUT
2.0
V
1, 2,
3
VCC=4.5V, IOH=-3mA, VINH=4.5V,
VINL=0.0V, VIH=2.0V, VIL=0.8V
1, 4 OUT
2.5
V
1, 2,
3
VCC=5.0V, IOH=-3mA, VINH=5.0V,
VINL=0.0V, VIH=2.0V, VIL=0.8V
1, 4 OUT
3.0
V
1, 2,
3
VID
Input Leakage
Test
VCC=0.0V, IID=1.9uA, VINL=0.0V
1, 4 IN
4.75
V
1, 2,
3
VCD
Input Clamp Diode
Voltage
VCC=4.5V, IKL=-18mA, VINH=4.5V,
VINL=0.0V
1, 4 IN
-1.2
V
1, 2,
3
VOLP
Low Level Ground
Bounce
VCC=5.0V, LOAD : 50pF / 500 OHMS
7, 8 IN
0.9
V
4
VOLV
Low Level Ground
Bounce
VCC=5.0V, LOAD : 50pF / 500 OHMS
7, 8 IN
-1.35
V
4
VOHP
High Level VCC
Bounce
VCC=5.0V, LOAD : 50pF / 500 OHMS
7, 8 IN
1.55
V
4
VOHV
High Level VCC
Bounce
VCC=5.0V, LOAD : 50pF / 500 OHMS
7, 8 IN
-0.55
V
4
CIN
Input Capacitance
VCC=0.0V
7
IN
10.0
pF
4
COUT
Output
Capacitance
VCC=5.5V
7
OUT
16.0
pF
4
5


Podobny numer części - 54ABT240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240E-QML NSC-54ABT240E-QML Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240E-QML NSC-54ABT240E-QML Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240J-QML NSC-54ABT240J-QML Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240J-QML NSC-54ABT240J-QML Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
More results

Podobny opis - 54ABT240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
MN54ABT240-X NSC-MN54ABT240-X Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT244-X NSC-MN54ABT244-X Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com