Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145170D2 Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części MC145170D2
Szczegółowy opis  PLL Frequency Synthesizer with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170D2 Arkusz danych(HTML) 6 Page - Motorola, Inc

Back Button MC145170D2 Datasheet HTML 2Page - Motorola, Inc MC145170D2 Datasheet HTML 3Page - Motorola, Inc MC145170D2 Datasheet HTML 4Page - Motorola, Inc MC145170D2 Datasheet HTML 5Page - Motorola, Inc MC145170D2 Datasheet HTML 6Page - Motorola, Inc MC145170D2 Datasheet HTML 7Page - Motorola, Inc MC145170D2 Datasheet HTML 8Page - Motorola, Inc MC145170D2 Datasheet HTML 9Page - Motorola, Inc MC145170D2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
MC145170-2 Technical Data
MOTOROLA
Electrical Characteristics
Table 5. Timing Requirements (TA = -40 to 85°C, Input tr = tf = 10 ns, unless otherwise noted.)
Parameter
Symbol
Figure
No.
VDD
V
Guaranteed
Limit
Unit
Minimum Setup and Hold Times, Din vs CLK
tsu, th
42.7
4.5
5.5
55
40
40
ns
Minimum Setup, Hold, and Recovery Times, ENB
vs CLK
tsu, th, trec
52.7
4.5
5.5
135
100
100
ns
Minimum Inactive-High Pulse Width, ENB
tw(H)
52.7
4.5
5.5
400
300
300
ns
Minimum Pulse Width, CLK
tw
22.7
4.5
5.5
166
125
125
ns
Maximum Input Rise and Fall Times, CLK
tr, tf
22.7
4.5
5.5
100
100
100
µs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC145170D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC145170D2 LANSDALE-MC145170D2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170D2 FREESCALE-MC145170D2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Podobny opis - MC145170D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com