Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE36169LF-48 Arkusz danych(PDF) 1 Page - Pasternack Enterprises, Inc.

Numer części PE36169LF-48
Szczegółowy opis  SMA Male to 7/16 DIN Male Cable 48 Inch Length Using PE-SR401FL Coax, RoHS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE36169LF-48 Arkusz danych(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE36169LF-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
SMA Male to 7/16 DIN Male Cable 48 Inch Length Using PE-SR401FL Coax, RoHS
PE36169LF-48
We hereby certify that we comply with the EU Directive 2002/95/EC on the use of certain hazardous substances
in electrical and electronic equipment. The exemptions on the next page apply.
Some of the listed materials may be used in the production of SMA Male to 7/16 DIN Male Cable 48 Inch Length
Using PE-SR401FL Coax, RoHS PE36169LF-48 in accordance with the following specifications:
Metals:
Non-Metal:
DHP soft copper, CDA 122
PTFE, ASTM-D-1710 – Fire rating V-0 (dielectric)
Phosphor bronze, ASTM-B-159, Alloy 510 (.05%
Silicon rubber ZZ-R-765, Gr. 50, red – Fire rating
by weight Pb); ASTM-B-139, Alloy B2 or C54400
N/A (gasket)
(limited to <4.0% by weight Pb)
Silicon rubber Buna - N , fuel resistant per
Brass: ASTM-B-16 (2.5-3.7% Pb) or ASTM-B-36
MIL-P-5315 (gasket)
Stainless Steel, ASTM-A-582, SS-303
Silver plated aluminum filled silicone per
Beryllium Copper per ASTM-B-196 or ASTM-B-194
MIL-G-83528 (gasket)
SnAgCu solder
Silicon rubber per AN- 6227-17 Class B
Thick wall polyolefin, MIL-I-23053/4, class3 – Fire
rating UL 224 (shrink sleeve)
2 component epoxy
Glass
Finishes:
Silver per ASTM-B700, Semi-bright
Albaloy (Tri-M3) composition: 55-60% Cu, 20-25% Sn,
Tarniban: 8% stannous chloride (anhydrous)
15-20% Zn Alternative 50-55% Cu, 30-35% Sn,
Nickel per AMS-QQ-N-290, Class 1, Bright
13-17% Zn Semi-Bright
Electroless Nickel per Mil-C-26074, Class 1, Bright
Copper per Mil-C-14550, reference Class 4
Gold per ASTM-B488, Type 3, Grade C, reference
Chemical Passivation per ASTM-A-967
Class 0.76
Tin per ASTM-B545, matte finish
Black Chrome per Mil-C-14538
The materials declaration data for SMA Male to 7/16 DIN Male Cable 48 Inch Length Using PE-SR401FL
Coax, RoHS PE36169LF-48 is accurate, to the best of our knowledge.
Pasternack Enterprises, Inc.
CAGE #: 53919
Pasternack Part Number: PE36169LF-48


Podobny numer części - PE36169LF-48

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE36169LF-72 PASTERNACK-PE36169LF-72 Datasheet
343Kb / 1P
   SMA Male to 7/16 DIN Male Cable 72 Inch Length Using PE-SR401FL Coax, RoHS
More results

Podobny opis - PE36169LF-48

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE36178LF-48 PASTERNACK-PE36178LF-48 Datasheet
343Kb / 1P
   N Male to 7/16 DIN Male Cable 48 Inch Length Using PE-SR401FL Coax, RoHS
PE36169LF-72 PASTERNACK-PE36169LF-72 Datasheet
343Kb / 1P
   SMA Male to 7/16 DIN Male Cable 72 Inch Length Using PE-SR401FL Coax, RoHS
PE34422LF-48 PASTERNACK-PE34422LF-48 Datasheet
366Kb / 3P
   SMA Male to TNC Male Cable 48 Inch Length Using PE-SR401FL Coax, RoHS
PE36178LF-24 PASTERNACK-PE36178LF-24 Datasheet
343Kb / 1P
   N Male to 7/16 DIN Male Cable 24 Inch Length Using PE-SR401FL Coax, RoHS
PE36178LF-72 PASTERNACK-PE36178LF-72 Datasheet
343Kb / 1P
   N Male to 7/16 DIN Male Cable 72 Inch Length Using PE-SR401FL Coax, RoHS
PE34422-48 PASTERNACK-PE34422-48 Datasheet
350Kb / 3P
   SMA Male to TNC Male Cable 48 Inch Length Using PE-SR401FL Coax
PE36163LF-48 PASTERNACK-PE36163LF-48 Datasheet
343Kb / 1P
   SMA Male to 7/16 DIN Male Cable 48 Inch Length Using RG393 Coax, RoHS
PE36161LF-48 PASTERNACK-PE36161LF-48 Datasheet
343Kb / 1P
   SMA Male to 7/16 DIN Male Cable 48 Inch Length Using RG223 Coax, RoHS
PE34422LF-60 PASTERNACK-PE34422LF-60 Datasheet
366Kb / 3P
   SMA Male to TNC Male Cable 60 Inch Length Using PE-SR401FL Coax, RoHS
PE36173LF-72 PASTERNACK-PE36173LF-72 Datasheet
343Kb / 1P
   SMA Male to 7/16 DIN Male Cable 72 Inch Length Using PE-SR402FL Coax, RoHS
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com