Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE39456-6 Arkusz danych(PDF) 1 Page - Pasternack Enterprises, Inc.

Numer części PE39456-6
Szczegółowy opis  SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39456-6 Arkusz danych(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39456-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39456-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39456-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39456-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly preformed
assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-rigid counterpart
and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable cable assemblies from
Pasternack do not require special tooling to shape or reshape the assemblies and can replace standard semi-rigid versions.
The assemblies are available with or without a FEP jacket and are RoHS compliant,
Features
• Dimensionally and electrically the same as standard,
solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require
special tools to bend
• May be formed more than once without damaging
the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
SMA Male Right Angle
Connector 2
N Female Bulkhead
Cable Type
PE-SR402FL
Electrical Specifications
Frequency Range
DC to 10 GHz
Impedance
50 Ohms
Velocity of Propagation
69.5 %
Group Delay
1.43 ns/ft [4.69 ns/m]
RF Shielding
100 dB
Performance by Frequency
Frequency 1
Frequency
500 MHz
Insertion Loss
0.23 dB
Frequency 2
Frequency
1000 MHz
Insertion Loss
0.259 dB
Frequency 3
Frequency
2.5 GHz
Insertion Loss
0.29 dB
Frequency 4
Frequency
5 GHz
Insertion Loss
0.34 dB
Frequency 5
Frequency
10 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length
Using PE-SR402FL Coax, RoHS PE39456-6
PE39456-6 REV 1.1
PE39456-6
SMA Male Right Angle to N Female Bulkhead Semi-Flexible
Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS


Podobny numer części - PE39456-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE39456-12 PASTERNACK-PE39456-12 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-18 PASTERNACK-PE39456-18 Datasheet
374Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-24 PASTERNACK-PE39456-24 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-9 PASTERNACK-PE39456-9 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
More results

Podobny opis - PE39456-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE39428-6 PASTERNACK-PE39428-6 Datasheet
374Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39455-6 PASTERNACK-PE39455-6 Datasheet
371Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39427-6 PASTERNACK-PE39427-6 Datasheet
370Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-6 PASTERNACK-PE39484-6 Datasheet
375Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39483-6 PASTERNACK-PE39483-6 Datasheet
372Kb / 4P
   SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-24 PASTERNACK-PE39456-24 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39456 PASTERNACK-PE39456_15 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39428-18 PASTERNACK-PE39428-18 Datasheet
374Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-9 PASTERNACK-PE39456-9 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-12 PASTERNACK-PE39456-12 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com