Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SP8075E Arkusz danych(PDF) 5 Page - SamHop Microelectronics Corp.

Numer części SP8075E
Szczegółowy opis  N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP8075E Arkusz danych(HTML) 5 Page - SamHop Microelectronics Corp.

  SP8075E Datasheet HTML 1Page - SamHop Microelectronics Corp. SP8075E Datasheet HTML 2Page - SamHop Microelectronics Corp. SP8075E Datasheet HTML 3Page - SamHop Microelectronics Corp. SP8075E Datasheet HTML 4Page - SamHop Microelectronics Corp. SP8075E Datasheet HTML 5Page - SamHop Microelectronics Corp. SP8075E Datasheet HTML 6Page - SamHop Microelectronics Corp. SP8075E Datasheet HTML 7Page - SamHop Microelectronics Corp. SP8075E Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SP8075E
Ver 1.0
www.samhop.com.tw
Jul,02,2015
5
Safe operating area
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0.1
Mounted on FR-4 board
Single Pulse
Pulse width tw (S)
rth - tw
0.1
1
10
100
10
1
RD
S(O
N)
Limit
0.1
VGS=10V
Single Pulse
TA=25 C
DC
t=1ms
t=10
0us
t=10ms
t=1s
Drain-source voltage VDS (V)
100


Podobny numer części - SP8075E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
   Super high dense cell design for low RDS(ON).
SP8076E SAMHOP-SP8076E Datasheet
118Kb / 8P
   Super high dense cell design for low RDS(ON).
SP8076EL SAMHOP-SP8076EL Datasheet
113Kb / 8P
   Super high dense cell design for low RDS(ON).
SP8077E SAMHOP-SP8077E Datasheet
106Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Podobny opis - SP8075E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com