Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB28N15 Arkusz danych(PDF) 1 Page - SamHop Microelectronics Corp.

Numer części STB28N15
Szczegółowy opis  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB28N15 Arkusz danych(HTML) 1 Page - SamHop Microelectronics Corp.

  STB28N15 Datasheet HTML 1Page - SamHop Microelectronics Corp. STB28N15 Datasheet HTML 2Page - SamHop Microelectronics Corp. STB28N15 Datasheet HTML 3Page - SamHop Microelectronics Corp. STB28N15 Datasheet HTML 4Page - SamHop Microelectronics Corp. STB28N15 Datasheet HTML 5Page - SamHop Microelectronics Corp. STB28N15 Datasheet HTML 6Page - SamHop Microelectronics Corp. STB28N15 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S mHop Microelectronics C orp.
a
STB28N15
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
150
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
150V
32A
50
@
VGS=4.5V
46
@
VGS=10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
TO-263 package.
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
a
A
Ver 1.0
www.samhop.com.tw
Apr,08,2016
1
Details are subject to change without notice.
TC=25°C
W
PD
°C
-55 to 175
TC=25°C
THERMAL CHARACTERISTICS
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
1.1
°C/W
Thermal Resistance, Junction-to-Case
R JC
TC=100°C
A
EAS
mJ
Single Pulse Avalanche Energy
d
216
32
94
136
Green
Product
22.6
55
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
c
c
STB S ER IE S
TO-263(DD-P AK )
G
S
D


Podobny numer części - STB28N15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB28N60DM2 STMICROELECTRONICS-STB28N60DM2 Datasheet
1Mb / 20P
   Extremely low gate charge and input capacitance
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
STB28N65M2 STMICROELECTRONICS-STB28N65M2 Datasheet
1Mb / 22P
   Extremely low gate charge
STB28NM50N STMICROELECTRONICS-STB28NM50N Datasheet
966Kb / 21P
   N-channel Power MOSFETs developed using the second generation of MDmesh
logo
Inchange Semiconductor ...
STB28NM50N ISC-STB28NM50N Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - STB28N15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com