Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N3879R Arkusz danych(PDF) 4 Page - International Rectifier

Numer części 1N3879R
Szczegółowy opis  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

1N3879R Arkusz danych(HTML) 4 Page - International Rectifier

  1N3879R Datasheet HTML 1Page - International Rectifier 1N3879R Datasheet HTML 2Page - International Rectifier 1N3879R Datasheet HTML 3Page - International Rectifier 1N3879R Datasheet HTML 4Page - International Rectifier 1N3879R Datasheet HTML 5Page - International Rectifier 1N3879R Datasheet HTML 6Page - International Rectifier 1N3879R Datasheet HTML 7Page - International Rectifier 1N3879R Datasheet HTML 8Page - International Rectifier 1N3879R Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1N3879(R), 1N3889(R), 6/ 12/ 16FL(R) Series
2222222222222
12
4
Outline Table
Conforms to JEDEC DO-203AA (DO-4)
All dimensions in millimeters
5
1
2
3
4
A
16
F
L
R
60
M S02
7
6
8
Device Code
Ordering Information Table
1
- Omit = Standard or Fast Recovery Diode
A
= Avalanche Diode
2
- Current Code I
(AVG) = Exact Current Rating
3
- F
= Diode
4
- Omit = Standard Recovery Diode
L
= Only for Fast Diode
5
- Omit = Stud Forward Polarity
R= Stud Reverse Polarity
6
- Voltage code: Code x 10 = V
RRM (see Voltage Ratings table)
7
- Outlines:
Omit = Stud Base UNF Thread
M= Stud Base Metric Thread
8
-7 t
rr code only for Fast Diode (see Recovery Characteristics table)


Podobny numer części - 1N3879R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
1N3879R IRF-1N3879R Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
America Semiconductor, ...
1N3879R AMERICASEMI-1N3879R Datasheet
424Kb / 2P
   High Power- Fast Recovery Rectifiers
logo
New Jersey Semi-Conduct...
1N3879R NJSEMI-1N3879R Datasheet
49Kb / 1P
   GENERAL PURPOSE INDUSTRIAL
logo
GeneSiC Semiconductor, ...
1N3879R GENESIC-1N3879R Datasheet
736Kb / 3P
   Silicon Fast Recovery Diode
More results

Podobny opis - 1N3879R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com