Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9M131 Arkusz danych(PDF) 15 Page - ON Semiconductor

Numer części MT9M131
Szczegółowy opis  1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M131 Arkusz danych(HTML) 15 Page - ON Semiconductor

Back Button MT9M131_17 Datasheet HTML 11Page - ON Semiconductor MT9M131_17 Datasheet HTML 12Page - ON Semiconductor MT9M131_17 Datasheet HTML 13Page - ON Semiconductor MT9M131_17 Datasheet HTML 14Page - ON Semiconductor MT9M131_17 Datasheet HTML 15Page - ON Semiconductor MT9M131_17 Datasheet HTML 16Page - ON Semiconductor MT9M131_17 Datasheet HTML 17Page - ON Semiconductor MT9M131_17 Datasheet HTML 18Page - ON Semiconductor MT9M131_17 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
MT9M131
www.onsemi.com
15
Table 9. CAMERA CONTROL REGISTERS (ADDRESS PAGE 2) (continued)
Register Number
Dec (Hex)
Module
Default Value
Dec (Hex)
Data Format
(Binary)
Register Name
R202 (R0x2CA)
N/A
CamCtl
R203 (R0x2CB)
0 (0000)
CamCtl
R204 (R0x2CC)
0 (0000)
CamCtl
R205 (R0x2CD)
8608 (21A0)
CamCtl
R206 (R0x2CE)
7835 (1E9B)
CamCtl
R207 (R0x2CF)
19018 (4A4A)
CamCtl
R208 (R0x2D0)
5773 (168D)
CamCtl
R209 (R0x2D1)
77 (004D)
CamCtl
R210 (R0x2D2)
0 (0000)
CamCtl
R211 (R0x2D3)
0 (0000)
CntxCtl
R212 (R0x2D4)
520 (0208)
CamCtl
R213 (R0x2D5)
0 (0000)
CamCtl
R239 (R0x2EF)
8 (0008)
AWB
R240 (R0x2F0)
Page Map
0000 0000 0000 0ddd
0 (0000)
Cfg
R241 (R0x2F1)
Byte-wise Address
Reserved
R242 (R0x2F2)
0 (0000)
AWB
R243 (R0x2F3)
Reserved
0 (0000)
R244 (R0x2F4)
110 (006E)
ColorCorr
R245 (R0x2F5)
135 (0087)
ColorCorr
R246 (R0x2F6)
54 (0036)
ColorCorr
R247 (R0x2F7)
13 (000D)
ColorCorr
R248 (R0x2F8)
171 (00AB)
ColorCorr
R249 (R0x2F9)
136 (0088)
ColorCorr
R250 (R0x2FA)
72 (0048)
ColorCorr
R251 (R0x2FB)
87 (0057)
ColorCorr
R252 (R0x2FC)
94 (005E)
ColorCorr
R253 (R0x2FD)
122 (007A)
ColorCorr
R254 (R0x2FE)
20543 (503F)
ColorCorr
R255 (R0x2FF)
43136 (A880)
ColorCorr
NOTE: Data Format Key:
0 = “Don’t Care” bit. The exceptions: R0x200 and R0x2FF, which are hardwired
R/O binary values
d = R/W bit
? = R/O bit


Podobny numer części - MT9M131_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9M131C12STC-DP ONSEMI-MT9M131C12STC-DP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-DR ONSEMI-MT9M131C12STC-DR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TP ONSEMI-MT9M131C12STC-TP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TR ONSEMI-MT9M131C12STC-TR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com