Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9M131 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MT9M131
Szczegółowy opis  1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M131 Arkusz danych(HTML) 4 Page - ON Semiconductor

  MT9M131_17 Datasheet HTML 1Page - ON Semiconductor MT9M131_17 Datasheet HTML 2Page - ON Semiconductor MT9M131_17 Datasheet HTML 3Page - ON Semiconductor MT9M131_17 Datasheet HTML 4Page - ON Semiconductor MT9M131_17 Datasheet HTML 5Page - ON Semiconductor MT9M131_17 Datasheet HTML 6Page - ON Semiconductor MT9M131_17 Datasheet HTML 7Page - ON Semiconductor MT9M131_17 Datasheet HTML 8Page - ON Semiconductor MT9M131_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MT9M131
www.onsemi.com
4
Figure 2. Internal Registers Grouping
Image Flow Processor
R0xF0 = 0
R0xF0 = 1
R0xF0 = 2
Sensor Core
Registers
R0x000−R0x0FF
Color Pipeline
Registers
R0x100−R0x1FF
Camera Control
Registers
R0x200−R0x2FF
NOTE:
Internal registers are grouped in three address
spaces. Register R0xF0 in each page selects the
desired address space.
When accessing internal registers through the two-wire
serial interface, select the desired address space by
programming the R0xF0 shared register.
The MT9M131 accelerates mode switching with
hardware-assisted context switching and supports taking
snapshots, flash
snapshots,
and
video
clips
using
a configurable sequencer.
The MT9M131 supports a range of color formats derived
from four primary color representations: YCbCr, RGB, raw
Bayer (unprocessed, directly from the sensor), and
processed Bayer (Bayer format data regenerated from
processed RGB). The device also supports a variety of
output signaling/timing options:
Standard FV/LV video interface with gated pixel clocks
Standard video interface with uniform clocking
Progressive ITU−R BT.656 marker-embedded video
interface with either gated or uniform pixel clocking
REGISTER OPERATIONS
This data sheet refers to various registers that the user
reads from or writes to for altering the MT9M131 operation.
Hardware registers appear as follows and may be read from
or written to by sending the address and data information
over the two-wire serial interface.
Figure 3. Register Legend
R0xn24 [4:3]
Indication of Register
(as opposed to driver
variable)
Denotes
Hexadecimal
Notation
Page
Number
(0, 1, or 2)
Register
Number
[00 to FF]
Register
Bits
[15 to 0]
The MT9M131 was designed to facilitate customizations
to optimize image quality processing. Multiple parameters
are allowed to be adjusted at various stages of the image
processing pipeline to tune the quality of the output image.
The MT9M131 contains three register pages: sensor,
colorpipe, and camera control. The register page must be set
prior to writing to a register in the page.
For example, to write to register R0x106 (register 6 in
page 1):
Write the value of “1” to the page map register (0xF0)
Write the desired value to register R0x06
The sensor maintains the page number once set. The page
map register is located at address 0xF0 for all three register
pages.


Podobny numer części - MT9M131_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9M131C12STC-DP ONSEMI-MT9M131C12STC-DP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-DR ONSEMI-MT9M131C12STC-DR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TP ONSEMI-MT9M131C12STC-TP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TR ONSEMI-MT9M131C12STC-TR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com