Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9P001 Arkusz danych(PDF) 29 Page - ON Semiconductor

Numer części MT9P001
Szczegółowy opis  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P001 Arkusz danych(HTML) 29 Page - ON Semiconductor

Back Button MT9P001_17 Datasheet HTML 25Page - ON Semiconductor MT9P001_17 Datasheet HTML 26Page - ON Semiconductor MT9P001_17 Datasheet HTML 27Page - ON Semiconductor MT9P001_17 Datasheet HTML 28Page - ON Semiconductor MT9P001_17 Datasheet HTML 29Page - ON Semiconductor MT9P001_17 Datasheet HTML 30Page - ON Semiconductor MT9P001_17 Datasheet HTML 31Page - ON Semiconductor MT9P001_17 Datasheet HTML 32Page - ON Semiconductor MT9P001_17 Datasheet HTML 33Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
MT9P001
www.onsemi.com
29
DC ELECTRICAL CHARACTERISTICS
The DC electrical characteristics are shown in Table 19.
Table 19. DC ELECTRICAL CHARACTERISTICS
Symbol
Definition
Condition
Min
Typ
Max
Unit
VDD
Core digital voltage
1.7
1.8
1.9
V
VDD_IO
I/O digital voltage
1.7
1.8/2.8
3.1
V
VAA
Analog voltage
2.6
2.8
3.1
V
VAA_PIX
Pixel supply voltage
2.6
2.8
3.1
V
VDD_PLL
PLL supply voltage
2.6
2.8
3.1
V
VIH
Input HIGH voltage
VDD_IO = 2.8 V
2
3.3
V
VDD_IO = 1.8 V
1.3
2.3
V
VIL
Input LOW voltage
VDD_IO = 2.8 V
–0.3
0.8
V
VDD_IO = 1.8 V
–0.3
0.5
V
IIN
Input leakage current
No pull-up resistor;
VIN = VDD_IO or DGND
<10
μA
VOH
Output HIGH voltage
VDD_IO = 1.8 V
1.3
1.82
V
VDD_IO = 2.8 V
1.9
V
VOL
Output LOW voltage
VDD_IO = 2.8 V
0.16
0.35
V
VDD_IO = 2.8 V
0.6
V
IOH
Output HIGH current
At specified VOH = VDD_IO − 400 mv
at 1.7 V VDD_IO
8.9
22.3
mA
IOL
Output LOW current
At specified VOL = 400mv at 1.7 V VDD_IO
2.6
5.1
mA
IOZ
Tri-state output leakage
current
VIN = VDD_IO or GND
2
μA
IDD1
Digital operating current
Parallel mode 96 MHz full frame
nominal voltage, PLL enabled
28
35
mA
IDD_IO1
I/O digital operating current
Parallel mode 96 MHz full frame
nominal voltage, PLL enabled
38.6
50
mA
IAA1
Analog operating current
Parallel mode 96 MHz full frame
nominal voltage, PLL enabled
72
80
mA
IAA_PIX1
Pixel supply current
Parallel mode 96 MHz full frame
nominal voltage, PLL enabled
2.4
6
mA
IDD_PLL1
PLL supply current
Parallel mode 96 MHz full frame
nominal voltage, PLL enabled
5
6
mA
IDD2
Digital operating current
Parallel mode 96 MHz 4X binning
nominal voltage, PLL enabled
15
35
mA
IDD_IO2
I/O digital operating current
Parallel mode 96 MHz 4X binning
nominal voltage, PLL enabled
6.4
50
mA
IAA2
Analog operating current
Parallel mode 96 MHz 4X binning
nominal voltage, PLL enabled
69
80
mA
IAA_PIX2
Pixel supply current
Parallel mode 96 MHz 4X binning
nominal voltage, PLL Enabled
3.4
6
mA
IDD_PLL2
PLL supply current
Parallel mode 96 MHz 4X binning
nominal voltage, PLL enabled
5
6
mA
ISTBY1
Hard standby current PLL
enabled
EXTCLK enabled
<500
μA
ISTBY2
Hard standby current PLL
disabled
EXTCLK disabled
<50
μA


Podobny numer części - MT9P001_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9P001I12-N4005-DR ONSEMI-MT9P001I12-N4005-DR Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
MT9P001I12STC-B-DR ONSEMI-MT9P001I12STC-B-DR Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
More results

Podobny opis - MT9P001_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com