Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9P031 Arkusz danych(PDF) 22 Page - ON Semiconductor

Numer części MT9P031
Szczegółowy opis  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P031 Arkusz danych(HTML) 22 Page - ON Semiconductor

Back Button MT9P031_17 Datasheet HTML 18Page - ON Semiconductor MT9P031_17 Datasheet HTML 19Page - ON Semiconductor MT9P031_17 Datasheet HTML 20Page - ON Semiconductor MT9P031_17 Datasheet HTML 21Page - ON Semiconductor MT9P031_17 Datasheet HTML 22Page - ON Semiconductor MT9P031_17 Datasheet HTML 23Page - ON Semiconductor MT9P031_17 Datasheet HTML 24Page - ON Semiconductor MT9P031_17 Datasheet HTML 25Page - ON Semiconductor MT9P031_17 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MT9P031
www.onsemi.com
22
offset of between –2048 and 2047 is added. The resulting
12-bit pixel value is then output on the DOUT[11:0] ports.
The analog offset applied is determined automatically by
the black level calibration algorithm, which attempts to shift
the output of the analog signal chain so that black is at a
particular level. The digital offset is a fine-tuning of the
analog offset.
Figure 25. Signal path
Pixel
Voltage
Digital
Gain
Analog
Gain
Digital Datapath
X
+
Analog Signal Chain
X
+
Digital
Offset
Correction
Black
Level
Calibration
DOUT[11:0]
ADC
Analog
Offset
Gain
There are two types of gain supported: analog gain and
digital gain. Combined, gains of between 1 and 128 are
possible. The recommended gain settings are shown in
Table 15.
Table 15. GAIN INCREMENT SETTINGS
Gain Range
Increments
Digital Gain
Analog Multipier
Analog Gain
1– 4
0.125
0
0
8–32
4.25–8
0.25
0
1
17–32
9–128
1
1–120
1
32
1. Analog gain should be maximized before applying digital gain.
2. The recommended minimum gain is 1.38 (0x000B)
3. For optimal sensor performance, when using gain settings <= 4.0, also set reserved register R0x3E = 0x0080 and for gain settings >4.0,
set register R0x003E=0x00C0.
The combined gain for a color C is given by:
GC = AGC x DGC.
Analog Gain
The analog gain is specified independently for each color
channel. There are two components, the gain and the
multiplier. The gain is specified by Green1_Analog_Gain,
Red_Analog_Gain, Blue_Analog_Gain, and
Green2_Analog_Gain in steps of 0.125. The analog
multiplier is specified by Green1_Analog_Multiplier,
Red_Analog_Multiplier, Blue_Analog_Multiplier, and
Green2_Analog_Multiplier. These combine to form the
analog gain for a given color C as shown in this equation:
AGC = (1 + C_Analog_Multiplier) × (C_Analog_Gain /
8)
The gain component can range from 0 to 7.875 in steps of
0.125, and the multiplier component can be either 0 or 1
(resulting in a multiplier of 1 or 2). However, it is best to keep
the “gain” component between 1 and 4 for the best noise
performance, and use the multiplier for gains between 4 and
8.
Digital Gain
The digital gain is specified independently for each color
channel in steps of 0.125. It is controlled by the register
fields Green1_Digital_Gain, Red_Digital_Gain,
Blue_Digital_Gain, and Green2_Digital_Gain. The digital
gain for a color C is given by:
DGC = 1 + (C_Digital_Gain / 8)
Offset
The MT9P031 sensor can apply an offset or shift to the
image data in a number of ways.
An analog offset can be applied on a color-wise basis to
the pixel voltage as it enters the ADC. This makes it possible
to adjust for offset introduced in the pixel sampling and gain
stages to be removed, centering the resulting voltage swing
in the ADC’s range. This offset can be automatically
determined by the sensor using the automatic black level
calibration (BLC) circuit, or it can be set manually by the
user. It is a fairly coarse adjustment, with adjustment step
sizes of 4 to 8 LSBs.


Podobny numer części - MT9P031_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MT9P031I12STC ETC1-MT9P031I12STC Datasheet
2Mb / 46P
   1/2.5-Inch 5Mp CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
More results

Podobny opis - MT9P031_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com