Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ163TTR Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części 74LVQ163TTR
Szczegółowy opis  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ163TTR Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button 74LVQ163TTR Datasheet HTML 3Page - STMicroelectronics 74LVQ163TTR Datasheet HTML 4Page - STMicroelectronics 74LVQ163TTR Datasheet HTML 5Page - STMicroelectronics 74LVQ163TTR Datasheet HTML 6Page - STMicroelectronics 74LVQ163TTR Datasheet HTML 7Page - STMicroelectronics 74LVQ163TTR Datasheet HTML 8Page - STMicroelectronics 74LVQ163TTR Datasheet HTML 9Page - STMicroelectronics 74LVQ163TTR Datasheet HTML 10Page - STMicroelectronics 74LVQ163TTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74LVQ163
7/13
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|)
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time CK to Q
2.7
7.5
12.0
15.0
17.0
ns
3.3(*)
6.3
9.5
11.0
12.5
tPLH tPHL Propagation Delay
Time CK to CARRY
OUT
2.7
8.8
14.0
16.0
18.5
ns
3.3(*)
7.1
10.5
12.0
14.0
tPLH tPHL Propagation Delay
Time TE to CARRY
OUT
2.7
6.1
10.0
11.5
13.0
ns
3.3(*)
5.2
8.0
9.5
10.5
tW
CK pulse Width,
(Count) High or
LOW
2.7
4.0
1.9
4.0
4.0
ns
3.3(*)
3.0
1.9
3.0
3.0
tW
CK pulse Width,
(Load) High or
LOW
2.7
4.0
1.9
4.0
4.0
ns
3.3(*)
3.0
1.9
3.0
3.0
ts
Setup Time HIGH
or LOW
(INPUT to CLOCK)
2.7
5.0
2.5
5.0
5.0
ns
3.3(*)
4.0
2.1
4.0
4.0
th
Hold Time HIGH or
LOW
(INPUT to CLOCK)
2.7
1
-1.6
1
1
ns
3.3(*)
0.5
-1.2
0.5
0.5
ts
Setup Time HIGH
or LOW
(CLEAR
to CLOCK)
2.7
3.0
1.5
3.0
3.0
ns
3.3(*)
2.5
1.2
2.5
2.5
th
Hold Time HIGH or
LOW
(CLEAR
to CLOCK)
2.7
1
-0.6
1
1
ns
3.3(*)
0.5
-0.5
0.5
0.5
ts
Setup Time HIGH
or LOW
(LOAD to
CLOCK)
2.7
8.0
3.7
8.0
8.0
ns
3.3(*)
6.0
3.2
6.0
6.0
th
Hold Time HIGH or
LOW
(LOAD to
CLOCK)
2.7
0
-3.0
0
0
ns
3.3(*)
0
-2.5
0
0
ts
Setup Time HIGH
or LOW (PE or TE
to CLOCK)
2.7
7.0
3.4
7.0
7.0
ns
3.3(*)
6.0
3.0
6.0
6.0
th
Hold Time HIGH or
LOW
(PE or TE
to CLOCK)
2.7
0
-2.6
0
0
ns
3.3(*)
0
-2.2
0
0
fMAX
Maximum Clock
Frequency
2.7
100
150
80
60
MHz
3.3(*)
120
180
100
80
tOSLH
tOSHL
Output To Output
Skew Time
(note1, 2)
2.7
0.5
1.0
1.0
1.0
ns
3.3(*)
0.5
1.0
1.0
1.0


Podobny numer części - 74LVQ163TTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVQ163TTR STMICROELECTRONICS-74LVQ163TTR Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results

Podobny opis - 74LVQ163TTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com