Zakładka z wyszukiwarką danych komponentów |
|
PE3C4484-12 Arkusz danych(PDF) 3 Page - Pasternack Enterprises, Inc. |
|
PE3C4484-12 Arkusz danych(HTML) 3 Page - Pasternack Enterprises, Inc. |
3 / 5 page 3 Connectors Description Connector 1 Connector 2 Type SMA Male SSMC Plug Right Angle Impedance 50 Ohms 50 Ohms Mating Cycles 500 Contact Material and Plating Brass, Gold over Nickel Beryllium Copper, Gold Contact Plating Specification MIL-G-45204 Dielectric Type PTFE Teflon Body Material and Plating Brass, Gold over Nickel Brass, Gold Body Plating Specification MIL-G-45204 Coupling Nut Material and Plating Passivated Stainless Steel Beryllium Copper, Gold Coupling Nut Plating Specification MIL-G-45204 Hex Size 5/16 inch Torque 8 in-lbs [0.9 Nm] 1.75 in-lbs [0.2 Nm] . Mechanical Specification Notes: *All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater. Compliance Certifications (see product page for current document) Plotted and Other Data Notes: PE3C4484-12 REV 1.0 Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: SMA Male to SSMC Plug Right Angle Cable 12 Inch Length Using PE-SR405FLJ Coax PE3C4484-12 RF Cable Assemblies Technical Data Sheet SMA Male to SSMC Plug Right Angle Cable 12 Inch Length Using PE-SR405FLJ Coax PE3C4484-12 |
Podobny numer części - PE3C4484-12 |
|
Podobny opis - PE3C4484-12 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |