Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3956 Arkusz danych(PDF) 1 Page - Pasternack Enterprises, Inc.

Numer części PE3956
Szczegółowy opis  SMA Male to SMA Female Bulkhead Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3956 Arkusz danych(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3956_17 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3956_17 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3956_17 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3956_17 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female Bulkhead
• Cable Type: RG58
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Velocity of Propagation
65.9
%
RF Shielding
45
dB
Capacitance
30.8 [101.05]
pF/ft [pF/m]
.
dB/m
dB/m
Mechanical Specifications
Cable Assembly
.
Weight
0.055 lbs [24.95 g]
Cable
Cable Type
RG58
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper, Tin
Dielectric Type
PE
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Jacket Material
PVC (NC), Black
Jacket Diameter
0.195 in [4.95 mm]
.
One Time Minimum Bend Radius
2 in [50.8 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable Using RG58 Coax PE3956
PE3956 REV 1.1
SMA Male to SMA Female Bulkhead Cable Using RG58 Coax
RF Cable Assemblies Technical Data Sheet
PE3956


Podobny numer części - PE3956_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3956-12 PASTERNACK-PE3956-12 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3956-18 PASTERNACK-PE3956-18 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 18 Inch Length
More results

Podobny opis - PE3956_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3835 PASTERNACK-PE3835_15 Datasheet
655Kb / 4P
   SMA Male to SMA Female Bulkhead Cable
PE3835LF PASTERNACK-PE3835LF Datasheet
661Kb / 4P
   SMA Male to SMA Female Bulkhead Cable
PE3825 PASTERNACK-PE3825 Datasheet
371Kb / 4P
   SMA Male to SMA Female Bulkhead Cable
PE3825LF PASTERNACK-PE3825LF Datasheet
376Kb / 4P
   SMA Male to SMA Female Bulkhead Cable RF Cable
PE3836LF PASTERNACK-PE3836LF_15 Datasheet
665Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
   SMA Male to SMA Female Bulkhead Adapter
PE35475 PASTERNACK-PE35475 Datasheet
231Kb / 3P
   SMA Male to SMA Female Bulkhead Precision
PE33518 PASTERNACK-PE33518 Datasheet
288Kb / 1P
   CABLE ASSEMBLY RG402/U SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE3193-18 PASTERNACK-PE3193-18 Datasheet
374Kb / 4P
   SMA Male to N Female Bulkhead Cable
PE3973LF PASTERNACK-PE3973LF Datasheet
294Kb / 1P
   CABLE ASSEMBLY RG316-DS SMA MALE TO SMA FEMALE BULKHEAD
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com