Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DG333A Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części DG333A
Szczegółowy opis  Precision Quad SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG333A Arkusz danych(HTML) 1 Page - Vishay Siliconix

  DG333A Datasheet HTML 1Page - Vishay Siliconix DG333A Datasheet HTML 2Page - Vishay Siliconix DG333A Datasheet HTML 3Page - Vishay Siliconix DG333A Datasheet HTML 4Page - Vishay Siliconix DG333A Datasheet HTML 5Page - Vishay Siliconix DG333A Datasheet HTML 6Page - Vishay Siliconix DG333A Datasheet HTML 7Page - Vishay Siliconix DG333A Datasheet HTML 8Page - Vishay Siliconix DG333A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
D3
VL (DG333AL Only)
IN1
IN2
S1
V–
IN3
S3
D2
S4
D1
GND
D4
Dual-In-Line and Wide-Body SOIC
S5
IN4
S6
S7
V+
S2
S8
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
Top View
912
10
11
DG333A/333AL
Vishay Siliconix
Document Number: 70803
S-52433—Rev. B, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-1
Precision Quad SPDT Analog Switch
FEATURES
BENEFITS
APPLICATIONS
D "22-V Supply Voltage Range
D TTL and CMOS Compatible Logic
D Low On-Resistance (25 W)
D On-Resistance Matched Between Channels (<2 W)
D Flat On-Resistance Over Analog Signal Range (D <3 W)
D Low Charge Injection (1 pC)
D Low Leakage (0.2 nA)
D Fast Switching (175 ns)
D Single-Supply Operation (5 V to 40 V)
D ESD tolerance >2 kV per 3015.x
D Low Power (<1 mA) – DG333A/333AL
D Rail-to-Rail Analog Signal Range
D Simple Logic Interface
D High Precision and Accuracy
D Minimal Transients
D Low Distortion
D Reduced Power Consumption
D Improved Reliability
D Break-Before-Make Switching Action
D Audio Switching
D Test Equipment
D Portable Instrumentation
D Communication Systems
D PBX, PABX
D Computer Peripherals
D Mass Storage Systems
D Switched-Capacitor Networks
D Battery-Powered Systems
DESCRIPTION
The DG333A/333AL consist of four independently controlled
single-pole double-throw analog switches.
These monolithic
switch is designed to control analog signals with a high degree of
accuracy. The DG333A/333AL minimize measurement errors by
offering low on-resistance (25-
W typ), low leakage (20-pA typ)
and low charge injection performance. The DG333AL features
micro-power operation (<1-
mW typ). This is ideal for battery
operated systems. Pin 15 is not connected on the DG333A.
An improved charge injection compensation design minimizes
switching transients. These switches can handle up to
"22-V
signals and have an improved continuous current of 30 mA.
The DG333A/333AL is fabricated in Vishay Siliconix’s proprietary
HVSG-2 CMOS process, resulting in higher speed and lower
power consumption. An epitaxial layer prevents latchup. Each
switch conducts equally well in both directions when on. When
off, they block voltages up to the power-supply levels.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
SW1, 4, 5, 8
Normally Open
SW2, 3, 6, 7
Normally Closed
0
Off
On
1
On
Off
Logic “0”
v 0.8 V
Logic “1”
w 2.4 V
ORDERING INFORMATION
Temp Range
Package
Part Number
40
85
_C
20-Pin Plastic DIP
DG333ADJ
–40 to 85
_C
20-Pin Plastic DIP
DG333ALDJ
–40 to 85
_C
20-Pin Wide-Body SOIC
DG333ADW
20-Pin Wide-Body SOIC
DG333ALDW


Podobny numer części - DG333A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
DG333A VISHAY-DG333A Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333ADJ VISHAY-DG333ADJ Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
DG333ADJ-E3 VISHAY-DG333ADJ-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333ADQ-T1-E3 VISHAY-DG333ADQ-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
More results

Podobny opis - DG333A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com