Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1843AMDREP Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1843AMDREP
Szczegółowy opis  CURRENT-MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1843AMDREP Arkusz danych(HTML) 5 Page - Texas Instruments

  UC1843AMDREP Datasheet HTML 1Page - Texas Instruments UC1843AMDREP Datasheet HTML 2Page - Texas Instruments UC1843AMDREP Datasheet HTML 3Page - Texas Instruments UC1843AMDREP Datasheet HTML 4Page - Texas Instruments UC1843AMDREP Datasheet HTML 5Page - Texas Instruments UC1843AMDREP Datasheet HTML 6Page - Texas Instruments UC1843AMDREP Datasheet HTML 7Page - Texas Instruments UC1843AMDREP Datasheet HTML 8Page - Texas Instruments UC1843AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UC1842A-EP, UC1843A-EP, UC1844A-EP, UC1845A-EP
CURRENT-MODE PWM CONTROLLER
SGLS134B – SEPTEMBER 2002 – REVISED APRIL 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = –55_C to 125_C for the UC184xAM-EP, VCC = 15 V (see Note 1),
RT = 10 kΩ, CT = 3.3 nF, and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PWM Section
Maximum duty cycle
UC1842A, UC1843A
94
96
100
%
Maximum duty cycle
UC1844A, UC1845A
47
48
50
%
Minimum duty cycle
0
%
Total Standby Current
Start-up current
0.3
0.5
mA
Operating supply current
FB = 0 V,
SENSE = 0 V
11
17
mA
VCC internal zener voltage
ICC = 25 mA
30
34
V
NOTES:
1. Adjust VCC above the start threshold before setting at 15 V.
2. Not production tested.
3. Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
Temp Stability =
VREF (max) – VREF (min)
TJ (max) – TJ (min)
. VREF (max) and VREF (min) are the maximum and minimum reference voltage
measured over the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the extremes in
temperature.
4. Output frequency equals oscillator frequency for the UC1842A and UC1843A. Output frequency is one half oscillator frequency for
the UC1844A and UC1845A.
5. This parameter is measured with RT = 10 kΩ to VREF. This contributes approximately 300 µA of current to the measurement. The
total current flowing into the RT/C pin will be approximately 300 µA higher than the measured value.
6. Parameter measured at trip point of latch with VFB at 0 V.
7. Gain is defined by:
A =
DVCOMP
DVSENSE
; 0
v VSENSE v 0.8 V.
PARAMETER MEASUREMENT INFORMATION
Error Amp can source and sink up to 0.5 mA, and sink up to 2 mA.
Figure 1. Error Amp Configuration


Podobny numer części - UC1843AMDREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1843AMDREP TI1-UC1843AMDREP Datasheet
1,000Kb / 9P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC1843AMDREPG4 TI1-UC1843AMDREPG4 Datasheet
1,000Kb / 9P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Podobny opis - UC1843AMDREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com