Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7443082015 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 7443082015
Szczegółowy opis  WE-HCM SMD High Current Flat Wire Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443082015 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443082015 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082015 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082015 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082015 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082015 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082015 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions: [mm]
10,2 max.
2,5±0,25
Scale - 3:1
Recommended Land Pattern: [mm]
7,42
3,56
Scale - 3:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 10 mA
L
150
nH
±10%
Rated Current
ΔT = 40 K
IR
60
A
max.
Saturation Current
|ΔL/L| < 20 %
ISAT
79
A
typ.
DC Resistance
@ 20 °C
RDC
0.18
±5%
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-20 °C up to +40 °C
Storage Temperature (in original
packaging)
-40 °C up to +125 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
BD
DIN ISO 2768-1m
DESCRIPTION
WE-HCM SMD High Current Flat
Wire Inductor
ORDER CODE
7443082015
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1088
001.000
Valid
2017-11-01
eiSos
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 7443082015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7443082015A WURTH-7443082015A Datasheet
420Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082015B WURTH-7443082015B Datasheet
660Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
003.003
More results

Podobny opis - 7443082015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7443082017 WURTH-7443082017 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744308033 WURTH-744308033_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744305040 WURTH-744305040_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082010 WURTH-7443082010 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082022 WURTH-7443082022 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082012 WURTH-7443082012 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082015A WURTH-7443082015A Datasheet
420Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744305022 WURTH-744305022_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082018A WURTH-7443082018A Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744302010 WURTH-744302010_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com