Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7723 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7723
Szczegółowy opis  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7723 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7723 Datasheet HTML 7Page - Analog Devices AD7723 Datasheet HTML 8Page - Analog Devices AD7723 Datasheet HTML 9Page - Analog Devices AD7723 Datasheet HTML 10Page - Analog Devices AD7723 Datasheet HTML 11Page - Analog Devices AD7723 Datasheet HTML 12Page - Analog Devices AD7723 Datasheet HTML 13Page - Analog Devices AD7723 Datasheet HTML 14Page - Analog Devices AD7723 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD7723
Rev. C | Page 10 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
DVDD to DGND
−0.3 V to +7 V
AVDD, AVDD1 to AGND
−0.3 V to +7 V
AVDD, AVDD1 to DVDD
−1 V to +1 V
AGND, AGND1 to DGND
−0.3 V to +0.3 V
Digital Inputs to DGND
−0.3 V to DVDD + 0.3 V
Digital Outputs to DGND
−0.3 V to DVDD + 0.3 V
VIN (+), VIN(−) to AGND
−0.3 V to AVDD + 0.3 V
REF1 to AGND
−0.3 V to AVDD + 0.3 V
REF2 to AGND
−0.3 V to AVDD + 0.3 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
95°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD7723

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723 AD-AD7723 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723BS AD-AD7723BS Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BS AD-AD7723BS Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723BS-REEL AD-AD7723BS-REEL Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
More results

Podobny opis - AD7723

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7721 AD-AD7721 Datasheet
259Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
   CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com