Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7856AN Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7856AN
Szczegółowy opis  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7856AN Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7856AN Datasheet HTML 3Page - Analog Devices AD7856AN Datasheet HTML 4Page - Analog Devices AD7856AN Datasheet HTML 5Page - Analog Devices AD7856AN Datasheet HTML 6Page - Analog Devices AD7856AN Datasheet HTML 7Page - Analog Devices AD7856AN Datasheet HTML 8Page - Analog Devices AD7856AN Datasheet HTML 9Page - Analog Devices AD7856AN Datasheet HTML 10Page - Analog Devices AD7856AN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AD7856
–6–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7856 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND . . . . . . . . . –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies2
. . . . . . .
±10 mA
Operating Temperature Range Commercial
A Version . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +105°C
K Version . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +105°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 105
°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 34.7
°C/W
Lead Temperature, (Soldering, 10 secs) . . . . . . . . . +260
°C
SOIC, SSOP Package, Power Dissipation . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. 75
°C/W (SOIC) 115°C/W (SSOP)
θ
JC Thermal Impedance . . 25°C/W (SOIC) 35°C/W (SSOP)
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >1 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
PIN CONFIGURATIONS
(DIP, SOIC AND SSOP)
13
16
15
14
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
12
11
10
9
8
1
2
3
4
7
6
5
AD7856
CONVST
DIN
CLKIN
SCLK
SYNC
BUSY
SLEEP
REFIN/REFOUT
DVDD
DGND
DOUT
AVDD
AGND
CREF1
CREF2
AIN1
AIN2
AIN7
AIN8
CAL
AIN3
AIN4
AIN6
AIN5
ORDERING GUIDE
Linearity
Error
Package
Model
(LSB)
1
Options
2
AD7856AN
±2 typ
N-24
AD7856AR
±2 typ
R-24
AD7856KR
±2
R-24
AD7856ARS
±2 typ
RS-24
EVAL-AD7856CB
3
EVAL-CONTROL BOARD
4
NOTES
1Linearity error here refers to integral linearity error.
2N = Plastic DIP; R = SOIC; RS = SSOP.
3This can be used as a stand-alone evaluation board or in conjunction with the
EVAL-CONTROL BOARD for evaluation/demonstration purposes.
4This board is a complete unit allowing a PC to control and communicate with
all Analog Devices evaluation boards ending in the CB designators.


Podobny numer części - AD7856AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7856AN AD-AD7856AN Datasheet
294Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
More results

Podobny opis - AD7856AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7856 AD-AD7856_15 Datasheet
297Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7856 AD-AD7856 Datasheet
294Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858 AD-AD7858 Datasheet
315Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com