Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7887AR Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7887AR
Szczegółowy opis  Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7887AR Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7887AR Datasheet HTML 5Page - Analog Devices AD7887AR Datasheet HTML 6Page - Analog Devices AD7887AR Datasheet HTML 7Page - Analog Devices AD7887AR Datasheet HTML 8Page - Analog Devices AD7887AR Datasheet HTML 9Page - Analog Devices AD7887AR Datasheet HTML 10Page - Analog Devices AD7887AR Datasheet HTML 11Page - Analog Devices AD7887AR Datasheet HTML 12Page - Analog Devices AD7887AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD7887
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
–110
0
–10
–30
–50
–70
–90
4096 POINT FFT
SAMPLING
125kSPS
fIN = 10kHz
SNR = 71dB
Figure 5. Dynamic Performance
INPUT FREQUENCY (kHz)
71.0
0.15
42.14
73.0
72.5
72.0
71.5
31.59
10.89
VDD = 5V
5V EXT REFERENCE
21.14
Figure 6. SNR vs. Input Frequency
INPUT FREQUENCY (kHz)
–93
2.65
64.15
12.85
VDD = 5.5V/2.7V
100mV p-p SINE WAVE ON VDD
REFIN = 2.488V EXT REFERENCE
23.15
33.65
–91
–89
–87
–85
–83
–81
–79
–77
–75
43.85
54.35
Figure 7. PSRR vs. Frequency
Rev. E | Page 8 of 24


Podobny numer części - AD7887AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7887AR AD-AD7887AR Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7887AR AD-AD7887AR Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR-REEL AD-AD7887AR-REEL Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR-REEL7 AD-AD7887AR-REEL7 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887ARM AD-AD7887ARM Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results

Podobny opis - AD7887AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com