Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7888 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7888
Szczegółowy opis  Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7888 Arkusz danych(HTML) 1 Page - Analog Devices

  AD7888 Datasheet HTML 1Page - Analog Devices AD7888 Datasheet HTML 2Page - Analog Devices AD7888 Datasheet HTML 3Page - Analog Devices AD7888 Datasheet HTML 4Page - Analog Devices AD7888 Datasheet HTML 5Page - Analog Devices AD7888 Datasheet HTML 6Page - Analog Devices AD7888 Datasheet HTML 7Page - Analog Devices AD7888 Datasheet HTML 8Page - Analog Devices AD7888 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7888
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
2.7 V to 5.25 V, Micropower, 8-Channel,
125 kSPS, 12-Bit ADC in 16-Lead TSSOP
FUNCTIONAL BLOCK DIAGRAM
SAR + ADC
CONTROL LOGIC
AGND
REF IN/REF OUT
AIN8
AIN1
SCLK
DOUT
DIN
AGND
AD7888
VDD
CS
T/H
I/P
MUX
BUF
2.5V
REF
CHARGE
REDISTRIBUTION
DAC
SPORT
COMP
FEATURES
Specified for VDD of 2.7 V to 5.25 V
Flexible Power/Throughput Rate Management
Shutdown Mode: 1
A Max
Eight Single-Ended Inputs
Serial Interface: SPI™/QSPI™/MICROWIRE™/DSP
Compatible
16-Lead Narrow SOIC and TSSOP Packages
APPLICATIONS
Battery-Powered Systems (Personal Digital Assistants,
Medical Instruments, Mobile Communications)
Instrumentation and Control Systems
High-Speed Modems
GENERAL DESCRIPTION
The AD7888 is a high speed, low power, 12-bit ADC that oper-
ates from a single 2.7 V to 5.25 V power supply. The AD7888 is
capable of a 125 kSPS throughput rate. The input track-and-
hold acquires a signal in 500 ns and features a single-ended
sampling scheme. The AD7888 contains eight single-ended
analog inputs, AIN1 through AIN8. The analog input on each
of these channels is from 0 to VREF. The part is capable of con-
verting full power signals up to 2.5 MHz.
The AD7888 features an on-chip 2.5 V reference that can be
used as the reference source for the A/D converter. The REF
IN/REF OUT pin allows the user access to this reference. Alter-
natively, this pin can be overdriven to provide an external refer-
ence voltage for the AD7888. The voltage range for this external
reference is from 1.2 V to VDD.
CMOS construction ensures low power dissipation of typically
2 mW for normal operation and 3
µW in power-down mode.
The part is available in a 16-lead narrow body small outline
(SOIC) and a 16-lead thin shrink small outline (TSSOP) package.
PRODUCT HIGHLIGHTS
1. Smallest 12-bit 8-channel ADC; 16-lead TSSOP is the same
area as an 8-lead SOIC and less than half the height.
2. Lowest Power 12-bit 8-channel ADC.
3. Flexible power management options including automatic
power-down after conversion.
4. Analog input range from 0 V to VREF (VDD).
5. Versatile serial I/O port (SPI/QSPI/MICROWIRE/DSP
Compatible).
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.
REV. C
©2010 Analog Devices, Inc. All rights reserved.


Podobny numer części - AD7888

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888AR AD-AD7888AR Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888ARU AD-AD7888ARU Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888ARU AD-AD7888ARU Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARU AD-AD7888ARU Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
More results

Podobny opis - AD7888

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com