Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD73360ARZ-REEL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD73360ARZ-REEL7
Szczegółowy opis  Six-input Channel Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD73360ARZ-REEL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD73360ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 9Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 10Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 11Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 12Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 13Page - Analog Devices AD73360ARZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
REV.
B
AD73360
–9–
PIN FUNCTION DESCRIPTION
Mnemonic
Function
VINP1
Analog Input to the Positive Terminal of Input Channel 1.
VINN1
Analog Input to the Negative Terminal of Input Channel 1.
VINP2
Analog Input to the Positive Terminal of Input Channel 2.
VINN2
Analog Input to the Negative Terminal of Input Channel 2.
VINP3
Analog Input to the Positive Terminal of Input Channel 3.
VINN3
Analog Input to the Negative Terminal of Input Channel 3.
VINP4
Analog Input to the Positive Terminal of Input Channel 4.
VINN4
Analog Input to the Negative Terminal of Input Channel 4.
VINP5
Analog Input to the Positive Terminal of Input Channel 5.
VINN5
Analog Input to the Negative Terminal of Input Channel 5.
VINP6
Analog Input to the Positive Terminal of Input Channel 6.
VINN6
Analog Input to the Negative Terminal of Input Channel 6.
REFOUT
Buffered Reference Output, which has a nominal value of 1.25 V or 2.5 V, the value being dependent on the status
of Bit 5VEN (CRC:7).
REFCAP
A Bypass Capacitor to AGND2 of 0.1
µF is required for the on-chip reference. The capacitor should be fixed to
this pin. This pin can be overdriven by an external reference if required.
AVDD2
Analog Power Supply Connection.
AGND2
Analog Ground/Substrate Connection.
DGND
Digital Ground/Substrate Connection.
DVDD
Digital Power Supply Connection.
RESET
Active Low Reset Signal. This input resets the entire chip, resetting the control registers and clearing the digital
circuitry.
SCLK
Output Serial Clock whose rate determines the serial transfer rate to/from the AD73360. It is used to clock data or
control information to and from the serial port (SPORT). The frequency of SCLK is equal to the frequency of the
master clock (MCLK) divided by an integer number—this integer number being the product of the external mas-
ter clock rate divider and the serial clock rate divider.
MCLK
Master Clock Input. MCLK is driven from an external clock signal.
SDO
Serial Data Output of the AD73360. Both data and control information may be output on this pin and are clocked
on the positive edge of SCLK. SDO is in three-state when no information is being transmitted and when SE is
low.
SDOFS
Framing Signal Output for SDO Serial Transfers. The frame sync is one bit wide and it is active one SCLK period
before the first bit (MSB) of each output word. SDOFS is referenced to the positive edge of SCLK. SDOFS is in
three-state when SE is low.
SDIFS
Framing Signal Input for SDI Serial Transfers. The frame sync is one bit wide and it is valid one SCLK period
before the first bit (MSB) of each input word. SDIFS is sampled on the negative edge of SCLK and is ignored
when SE is low.
SDI
Serial Data Input of the AD73360. Both data and control information may be input on this pin and are clocked on
the negative edge of SCLK. SDI is ignored when SE is low.
SE
SPORT Enable. Asynchronous input enable pin for the SPORT. When SE is set low by the DSP, the output pins
of the SPORT are three-stated and the input pins are ignored. SCLK is also disabled internally in order to decrease
power dissipation. When SE is brought high, the control and data registers of the SPORT are at their original values
(before SE was brought low); however, the timing counters and other internal registers are at their reset values.
AGND1
Analog Ground Connection.
AVDD1
Analog Power Supply Connection.


Podobny numer części - AD73360ARZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
More results

Podobny opis - AD73360ARZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com